Electronic Components Datasheet Search
  English  ▼

X  

MHST05065 Datasheet(PDF) 6 Page - General Semiconductor

Part # MHST05065
Description  Thermal Management for FC-and FW-Series 250W-300W Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MHST05065 Datasheet(HTML) 6 Page - General Semiconductor

  MHST05065 Datasheet HTML 1Page - General Semiconductor MHST05065 Datasheet HTML 2Page - General Semiconductor MHST05065 Datasheet HTML 3Page - General Semiconductor MHST05065 Datasheet HTML 4Page - General Semiconductor MHST05065 Datasheet HTML 5Page - General Semiconductor MHST05065 Datasheet HTML 6Page - General Semiconductor MHST05065 Datasheet HTML 7Page - General Semiconductor MHST05065 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
6
Tyco Electronics Corp.
Technical Note
July 1996
250 W—300 W Board-Mounted Power Modules
Thermal Management for FC- and FW-Series
Module Derating (continued)
Natural Convection With Heat Sinks
Figures 8 and 9 show the power derating for a module
in natural convection with the heat sinks shown in Fig-
ures 6 and 7. Natural convection is the heat transfer
produced when air in contact with a hot surface is
heated, causing it to rise. An open environment is
required with no external forces moving the air. Figures
8 and 9 apply when the module is the only source of
heat present in the system, generating airflow of
approximately 10 ft./min. to 20 ft./min. Again, a typical
system with other heat dissipating components will
usually generate higher airflows in natural convection.
8-1318
Figure 8. Heat Sink Power Derating Curves
Natural Convection, Longitudinal Ori-
entation
8-1319
Figure 9. Heat Sink Power Derating Curves
Natural Convection, Transverse Ori-
entation
Figures 8 and 9 can be used to predict which heat sink
a module will require in a natural convection environ-
ment, as shown in the following example.
Example 3: Sizing a Heat Sink
What heat sink would be appropriate for a transverse
mounted FW300A1 in a natural convection environ-
ment at 54 V input and 2/3 load with a maximum ambi-
ent temperature of 35 °C?
Solution:
Given: VI = 54 V, Io = 2/3(60) = 40 A, TA = 35 °C
Determine PD (Figure 2): PD = 35 W
Determine Heat Sink (Figure 9):
1 1/2 in. heat sink allows up to TA = 35 °C
0
10
203040
100
0
40
60
70
LOCAL AMBIENT TEMPERATURE, TA (
°C)
30
20
10
90
80
70
60
50
1 1/2 in.
1 in.
1/2 in.
1/4 in.
NONE
50
0
10
203040
100
0
40
60
70
LOCAL AMBIENT TEMPERATURE, TA (
°C)
30
20
10
90
80
70
60
50
1 1/2 in.
1 in.
1/2 in.
1/4 in.
NONE
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com