Electronic Components Datasheet Search
  English  ▼

X  

MHST05065 Datasheet(PDF) 8 Page - General Semiconductor

Part # MHST05065
Description  Thermal Management for FC-and FW-Series 250W-300W Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MHST05065 Datasheet(HTML) 8 Page - General Semiconductor

  MHST05065 Datasheet HTML 1Page - General Semiconductor MHST05065 Datasheet HTML 2Page - General Semiconductor MHST05065 Datasheet HTML 3Page - General Semiconductor MHST05065 Datasheet HTML 4Page - General Semiconductor MHST05065 Datasheet HTML 5Page - General Semiconductor MHST05065 Datasheet HTML 6Page - General Semiconductor MHST05065 Datasheet HTML 7Page - General Semiconductor MHST05065 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Technical Note
July 1996
250 W—300 W Board-Mounted Power Modules
Thermal Management for FC- and FW-Series
Tyco Electronics Power Systems, Inc.
3000 Skyline Drive, Mesquite, TX 75149, USA
+1-800-526-7819 FAX: +1-888-315-5182
(Outside U.S.A.: +1-972-284-2626, FAX: +1-972-284-2900)
http://power.tycoelectronics.com
Tyco Electronics Corporation reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
© 2001 Tyco Electronics Corporation, Harrisburg, PA. All International Rights Reserved.
Printed in U.S.A.
July 1996
TN96-009EPS
Printed on
Recycled Paper
Basic Thermal Model (continued)
Figures 11 and 12 can be used to determine thermal
performance under various airflow and heat sink con-
figurations as shown in the following examples.
Example 4: Airflow Required to Maintain Tc
Although the maximum case temperature for the FC-
and FW-Series 250 W—300 W BMPMs is 100 °C, one
may want to limit the maximum case temperature to a
lower value for extremely high reliability. If an 85 °C
case temperature is desired, what are the allowable
minimum airflow/heat sink combinations necessary for
a transverse mounted FW300A1 operating at 54 V
input line and an output current of 50 A with a maxi-
mum ambient of 40 °C?
Solution:
Given: VI = 54 V, Io = 50 A, TA = 40 °C
Determine PD (Figure 2): PD = 46 W
θ = (Tc – TA) / PD
= (85 – 40) / 46
= 1.0 °C/W
Use Figure 12 to determine air velocity:
No heat sink:
v >> 600 ft./min.
1/4 in. heat sink:
v >> 600 ft./min.
1/2 in. heat sink:
v = 450 ft./min.
1 in. heat sink:
v = 260 ft./min.
1 1/2 in. heat sink:
v = 205 ft./min.
Example 5: Determining Tc
Suppose that there is an air velocity of 600 ft./min.
available for the configuration stated in Example 4.
What is the case temperature for the various heat sink
configurations?
Solution:
Given: VI = 54 V, Io = 50 A, TA = 40 °C, v = 600 ft./min.
Determine PD (Figure 2): PD = 46 W
Tc = (
θ x PD) + TA
Using thermal resistances (
θ) from Figure 12:
No heat sink:
θ = 1.5 °C/W
Tc = (1.5 x 46) + 40 = 109 °C
1/4 in. heat sink:
θ = 1.2 °C/W
Tc = (1.2 x 46) + 40 = 95 °C
1/2 in. heat sink:
θ = 0.9 °C/W
Tc = (0.9 x 46) + 40 = 81 °C
1 in. heat sink:
θ = 0.6 °C/W
Tc = (0.6 x 46) + 40 = 68 °C
1 1/2 in. heat sink:
θ = 0.5 °C/W
Tc = (0.5 x 46) + 40 = 63 °C
In this configuration, the module would not operate
within the maximum case temperature of 100 °C unless
a heat sink was attached.
Thermal Shutdown
The FC- and FW-Series 250 W—300 W BMPMs has a
latching thermal shutdown circuit designed to turn off
the module if it is operated in excess of the maximum
case temperature. Recovery from thermal shutdown is
accomplished by cycling the dc input power off for at
least 1.0 s, or toggling the primary referenced ON/OFF
signal for at least 1.0 s.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com