Electronic Components Datasheet Search
  English  ▼

X  

MHST05065 Datasheet(PDF) 7 Page - General Semiconductor

Part # MHST05065
Description  Thermal Management for FC-and FW-Series 250W-300W Board-Mounted Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MHST05065 Datasheet(HTML) 7 Page - General Semiconductor

  MHST05065 Datasheet HTML 1Page - General Semiconductor MHST05065 Datasheet HTML 2Page - General Semiconductor MHST05065 Datasheet HTML 3Page - General Semiconductor MHST05065 Datasheet HTML 4Page - General Semiconductor MHST05065 Datasheet HTML 5Page - General Semiconductor MHST05065 Datasheet HTML 6Page - General Semiconductor MHST05065 Datasheet HTML 7Page - General Semiconductor MHST05065 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Tyco Electronics Corp.
7
Technical Note
July 1996
250 W—300 W Board-Mounted Power Modules
Thermal Management for FC- and FW-Series
Basic Thermal Model
Another approach for analyzing thermal performance is
to model the overall thermal resistance of the module.
This presentation method is especially useful when
considering heat sinks, since their performance is also
typically given as a resistance. Total module thermal
resistance (
θ) is defined as the maximum case temper-
ature rise (
∆Tc,max) divided by the module power dis-
sipation (PD):
θ = ∆Tc,max / PD
This can be represented as an equivalent circuit as
shown in Figure 10. In this model PD,
∆Tc,max, and θ
are analogous to current flow, voltage drop, and electri-
cal resistance, respectively, in Ohm's law. Also,
∆Tc,max is defined as the difference between the inlet
ambient temperature (TA) and the module case tem-
perature (Tc) as defined in Figures 3 and 1 respec-
tively.
∆Tc,max = Tc – TA
8-695
Figure 10. Basic Thermal Resistance Module
For FC- and FW-Series 250 W to 300 W BMPMs, the
module's thermal resistance values versus air velocity
have been determined experimentally and are plotted
in Figures 11 and 12 for a unit without a heat sink and
for the various heat sink configurations (see Figures 6
and 7). Note that the highest values on the curves rep-
resent natural convection. In a system with free-flowing
air and other heat sources, there may be additional air-
flow.
It is important to point out that the thermal resistances
shown in Figures 11 and 12 are for heat transfer from
the sides and bottom of the module as well as the top
side with the attached heat sink; therefore, the case-to-
ambient thermal resistances shown will generally be
lower than the resistance of the heat sink by itself. The
data in Figures 11 and 12 were taken with a thermally
conductive dry pad between the case and the heat sink
to minimize contact resistance (typically 0.1 °C/W to
0.3 °C/W).
8-1320
Figure 11. Case-to-Ambient Thermal Resistance
Curves, Longitudinal Orientation
8-1321
Figure 12. Case-to-Ambient Thermal Resistance
Curves; Transverse Orientation
BMPM
PD
= BMPM
THERMAL
RESISTANCE
0
100
200
300
400
500
600
0.0
0.5
3.0
3.5
4.0
4.5
AIR VELOCITY, (ft./min.)
2.5
2.0
1.0
1 1/2 in. HEAT SINK
1 in. HEAT SINK
1/2 in. HEAT SINK
1/4 in. HEAT SINK
NO HEAT SINK
1.5
0
100
200
300
400
500
600
0.0
0.5
3.0
3.5
4.0
4.5
AIR VELOCITY, (ft./min.)
2.5
2.0
1.0
1 1/2 in. HEAT SINK
1 in. HEAT SINK
1/2 in. HEAT SINK
1/4 in. HEAT SINK
NO HEAT SINK
1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com