Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5933 Datasheet HTML 31Page - Analog Devices AD5933 Datasheet HTML 32Page - Analog Devices AD5933 Datasheet HTML 33Page - Analog Devices AD5933 Datasheet HTML 34Page - Analog Devices AD5933 Datasheet HTML 35Page - Analog Devices AD5933 Datasheet HTML 36Page - Analog Devices AD5933 Datasheet HTML 37Page - Analog Devices AD5933 Datasheet HTML 38Page - Analog Devices AD5933 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
AD5933
Rev. E | Page 35 of 40
EVALUATION BOARD
The AD5933 evaluation board allows designers to evaluate
the high performance AD5933 impedance converter with
minimum effort.
The evaluation board interfaces to the USB port of a PC. It is
possible to power the entire board from the USB port.
The impedance converter evaluation kit includes a populated
and tested AD5933 printed circuit board. The EVAL-AD5933EB
kit is shipped with a CD-ROM that includes self-installing
software. Connect the PC to the evaluation board using the
supplied cable.
The software is compatible with Microsoft® Windows® 2000 and
Windows XP and Windows 7.
A schematic of the evaluation board is shown in Figure 39 and
Figure 40.
USING THE EVALUATION BOARD
The AD5933 evaluation board is a test system designed to
simplify the evaluation of the AD5933. The evaluation board
data sheet is also available with the evaluation board that gives
full information on operating the evaluation board. Further
evaluation information is available from www.analog.com.
PROTOTYPING AREA
An area is available on the evaluation board for the user to add
additional circuits to the evaluation test set. Users may want to
include switches for multiple calibration use.
CRYSTAL OSCILLATOR (XO) vs. EXTERNAL CLOCK
A 16 MHz oscillator is included on the evaluation board.
However, this oscillator can be removed and, if required,
an external CMOS clock can be connected to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com