Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5933 Datasheet HTML 10Page - Analog Devices AD5933 Datasheet HTML 11Page - Analog Devices AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices AD5933 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD5933
Data Sheet
Rev. E | Page 14 of 40
TRANSMIT STAGE
As shown in Figure 19, the transmit stage of the AD5933 is made
up of a 27-bit phase accumulator DDS core that provides the
output excitation signal at a particular frequency. The input to
the phase accumulator is taken from the contents of the start
frequency register (see Register Address 0x82, Register Address
0x83, and Register Address 0x84). Although the phase accumu-
lator offers 27 bits of resolution, the start frequency register has
the three most significant bits (MSBs) set to 0 internally; therefore,
the user has the ability to program only the lower 24 bits of the
start frequency register.
PHASE
ACCUMULATOR
(27 BITS)
VOUT
DAC
R(GAIN)
VBIAS
Figure 19. Transmit Stage
The AD5933 offers a frequency resolution programmable by the
user down to 0.1 Hz. The frequency resolution is programmed
via a 24-bit word loaded serially over the I2C interface to the
frequency increment register.
The frequency sweep is fully described by the programming of
three parameters: the start frequency, the frequency increment,
and the number of increments.
Start Frequency
This is a 24-bit word that is programmed to the on-board RAM
at Register Address 0x82, Register Address 0x83, and Register
Address 0x84 (see the Register Map section). The required code
loaded to the start frequency register is the result of the formula
shown in Equation 1, based on the master clock frequency and the
required start frequency output from the DDS.
27
2
4
×
=
MCLK
Frequency
Start
Output
Required
Code
Frequency
Start
(1)
For example, if the user requires the sweep to begin at 30 kHz and
has a 16 MHz clock signal connected to MCLK, the code that
needs to be programmed is given by
0x0F5C28
2
4
MHz
16
kHz
30
27 ≡
×


=
Code
Frequency
Start
The user programs the value of 0x0F to Register Address 0x82, the
value of 0x5C to Register Address 0x83, and the value of 0x28 to
Register Address 0x84.
Frequency Increment
This is a 24-bit word that is programmed to the on-board RAM
at Register Address 0x85, Register Address 0x86, and Register
Address 0x87 (see the Register Map). The required code loaded
to the frequency increment register is the result of the formula
shown in Equation 2, based on the master clock frequency and the
required increment frequency output from the DDS.
27
2
4
Re
×
=
MCLK
Increment
Frequency
quired
Code
Increment
Frequency
(2)
For example, if the user requires the sweep to have a resolution
of 10 Hz and has a 16 MHz clock signal connected to MCLK, the
code that needs to be programmed is given by
0x00014F
4
MHz
16
Hz
10
≡


=
Code
Increment
Frequency
The user programs the value of 0x00 to Register Address 0x85,
the value of 0x01 to Register Address 0x86, and the value of 0x4F
to Register Address 0x87.
Number of Increments
This is a 9-bit word that represents the number of frequency
points in the sweep. The number is programmed to the on-board
RAM at Register Address 0x88 and Register Address 0x89 (see the
Register Map section). The maximum number of points that can
be programmed is 511.
For example, if the sweep needs 150 points, the user programs
the value of 0x00 to Register Address 0x88 and the value of 0x96
to Register Address 0x89.
Once the three parameter values have been programmed, the
sweep is initiated by issuing a start frequency sweep command to
the control register at Register Address 0x80 and Register Address
0x81 (see the Register Map section). Bit D2 in the status register
(Register Address 0x8F) indicates the completion of the frequency
measurement for each sweep point. Incrementing to the next
frequency sweep point is under the control of the user. The
measured result is stored in the two register groups that follow:
0x94, 0x95 (real data) and 0x96, 0x97 (imaginary data) that should
be read before issuing an increment frequency command to the
control register to move to the next sweep point. There is the
facility to repeat the current frequency point measurement by
issuing a repeat frequency command to the control register. This
has the benefit of allowing the user to average successive readings.
When the frequency sweep has completed all frequency points,
Bit D3 in the status register is set, indicating completion of the
sweep. Once this bit is set, further increments are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com