Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 31 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD5933 Datasheet HTML 27Page - Analog Devices AD5933 Datasheet HTML 28Page - Analog Devices AD5933 Datasheet HTML 29Page - Analog Devices AD5933 Datasheet HTML 30Page - Analog Devices AD5933 Datasheet HTML 31Page - Analog Devices AD5933 Datasheet HTML 32Page - Analog Devices AD5933 Datasheet HTML 33Page - Analog Devices AD5933 Datasheet HTML 34Page - Analog Devices AD5933 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
AD5933
Rev. E | Page 31 of 40
The key point is that the output impedance of the external
amplifier in Figure 35 (which is also in series with ZUNKNOWN)
has a far less significant effect on gain factor calibration and
subsequent impedance readings in comparison to connecting
the small impedance directly to the VOUT pin (and directly in
series with ROUT). The external amplifier buffers the unknown
impedance from the effects of ROUT and introduces a smaller
output impedance in series with ZUNKNOWN.
For example, if the user measures ZUNKNOWN that is known to
have a small impedance value within the range of 90 Ω to
110 Ω over the frequency range of 30 kHz to 32 kHz, the
user may not be in a position to measure ROUT directly in
the factory/lab. Therefore, the user may choose to add on
an extra amplifier circuit like that shown in Figure 35 to the
signal path of the AD5933. The user must ensure that the
chosen external amplifier has a sufficiently low output series
resistance over the bandwidth of interest in comparison to the
impedance range under test (for an op amp selection guide, see
www.analog.com/opamps). Most amplifiers from Analog
Devices have a curve of closed loop output impedance vs.
frequency at different amplifier gains to determine the output
series impedance at the frequency of interest.
The system settings are
VDD = 3.3 V
VOUT = 2 V p-p
R2 = 20 kΩ
R1 = 4 kΩ
Gain setting resistor = 500 Ω
ZUNKNOWN = 100 Ω
PGA setting = ×1
To attenuate the excitation voltage at VOUT, choose a ratio
of R1/R2. With the values of R1 = 4 kΩ and R2 = 20 kΩ,
attenuate the signal by 1/5th of 2 V p-p = 400 mV. The
maximum current flowing through the impedance is 400 mV/
90 Ω = 4.4 mA.
The system is subsequently calibrated using the usual method
with a midpoint impedance value of 100 Ω, a calibration
resistor, and a feedback resistor at a midfrequency point in the
sweep. The dynamic range of the input signal to the receive side
of the AD5933 can be improved by increasing the value of the
I-V gain resistor at the RFB pin. For example, increasing the I-V
gain setting resistor at the RFB pin increases the peak-to-peak
signal presented to the ADC input from 400 mV (RFB = 100 Ω)
to 2 V p-p (RFB = 500 Ω).
The gain factor calculated is for a 100 Ω resistor connected
between VOUT and VIN, assuming the output series resistance
of the external amplifier is small enough to be ignored.
When biasing the circuit shown in Figure 35, note that the
receive side of the AD5933 is hard-biased about VDD/2 by
design. Therefore, to prevent the output of the external
amplifier (attenuated AD5933 Range 1 excitation signal) from
saturating the receive side amplifiers of the AD5933, a voltage
equal to VDD/2 must be applied to the noninverting terminal
of the external amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com