Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 10 Page - Analog Devices

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM401 Datasheet(HTML) 10 Page - Analog Devices

Back Button AM401 Datasheet HTML 6Page - Analog Devices AM401 Datasheet HTML 7Page - Analog Devices AM401 Datasheet HTML 8Page - Analog Devices AM401 Datasheet HTML 9Page - Analog Devices AM401 Datasheet HTML 10Page - Analog Devices AM401 Datasheet HTML 11Page - Analog Devices AM401 Datasheet HTML 12Page - Analog Devices AM401 Datasheet HTML 13Page - Analog Devices AM401 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
10/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Points to note: initial operation of AM401
1. When operating AM401 it is imperative that external stabilization capacitance C1 (a high-grade
ceramic capacitor) is must always connected. Care must be taken that the value of the
capacitance does not lie beyond its given range, even across the range of temperature (see
Boundary Conditions). The maximum current drawn from the reference must not exceed a value
of IREF = 10mA.
2. All of the AM401 function blocks not used by the application (e.g. OP2) must be connected up
to a defined (and permitted) potential. Unused blocks, such as the additional operational
amplifier (see Figure 3), must be configured. The two capacitances C1 and C2 must be
connected up in any event, even if the reference voltage source is not used.
3. When OP1 is in operation the load resistance at pin VOUT must be at least 2k
Ω.
The values of external resistors R1, R2, R3 and R4 must be selected so that they lie within the
permitted range specified in the boundary conditions on.
C
1
C
2
R
2
R
1
Ground
V
OUT
V
CC
1
2
3
4
14
13
5
6
11
15
12
V
BG
CVREF
CVSET
IN+
IN_
GND
ZA
OUTIA
INOP
7
8
GAIN
VOUT
VCC
VREF
VSET
Voltage Reference
AM401
+
_
OP2
+
_OP1
+
_ IA
Figure 3:
AM401 used as an industrial bridge amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com