Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 16 Page - Analog Devices

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM401 Datasheet(HTML) 16 Page - Analog Devices

Back Button AM401 Datasheet HTML 12Page - Analog Devices AM401 Datasheet HTML 13Page - Analog Devices AM401 Datasheet HTML 14Page - Analog Devices AM401 Datasheet HTML 15Page - Analog Devices AM401 Datasheet HTML 16Page - Analog Devices AM401 Datasheet HTML 17Page - Analog Devices AM401 Datasheet HTML 18Page - Analog Devices AM401 Datasheet HTML 19Page - Analog Devices AM401 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
16/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
V
BG
AM401
1
V
IN
OP2 connected as
voltage reference
V
CVREF
R
4
R
3
OP2
+
_
1
2
3
Figure 7:
AM401’s OP2 as a voltage reference
Application 5 – Connecting up OP2 as a voltage reference
In addition to the integrated voltage
reference of the AM401, the OP2 can also
be used as a voltage supply for external
components, such as A/D converters or
microprocessors, for example. Lower
voltages can be generated (e.g. 3.3V)
which with the increasing miniaturisation
of devices and need for ever lower levels
of power dissipation in digital components
is today of growing importance.
If in addition to the 5/10V reference a
further voltage source is required to power
external
components
the
second
operational amplifier OP2 can be used to
this end.
This operational amplifier can be easily configured as a voltage reference. Using the circuit in
Figure 7 the following equation is given:


+
=


+
=
3
4
3
4
1
V
27
.
1
1
R
R
R
R
V
V
BG
CVREF
(9)
A voltage of VCVREF = 3.3V is to be set. With reference to Equation 9 the following ratio is obtained
for the external resistors R3 and R4:
6
.
1
1
6
.
2
1
3
4
=
−
≈
−
=
BG
CVREF
V
V
R
R
With reference to the boundary conditions for external components given on page 6 the following
values are obtained for the resistors:
R3 = 10kΩ
R4 = 16kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com