Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 12 Page - Analog Devices

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM401 Datasheet(HTML) 12 Page - Analog Devices

Back Button AM401 Datasheet HTML 8Page - Analog Devices AM401 Datasheet HTML 9Page - Analog Devices AM401 Datasheet HTML 10Page - Analog Devices AM401 Datasheet HTML 11Page - Analog Devices AM401 Datasheet HTML 12Page - Analog Devices AM401 Datasheet HTML 13Page - Analog Devices AM401 Datasheet HTML 14Page - Analog Devices AM401 Datasheet HTML 15Page - Analog Devices AM401 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
12/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Application 2 – Voltage output signal of 0...5/10V, current-driven sensing element
In this application the additional OP is used as a current source for a resistor measuring bridge. The
values of the external components have been calculated for an output voltage of 0...5V; the pin used
to configure the instrumentation amplifier offset (ZA) is connected to the IC’s Ground. Gain G is
set using the two external resistors R1 and R2:
()
2
1
1
R
R
G
G
G
G
IA
OP
IA
+
=
=
(2)
If no offset voltage is present, the transfer function of the output voltage (Gl.1) is:
VOUT = G VIN
(1)
Using these equations the values of resistors R1 and R2 can be set as follows:
1
2
1
−
=
IN
IA
OUT
V
G
V
R
R
Supply current IS for the sensor bridge can be determined using resistance RSET:
I
V
R
S
BG
SET
=
(8)
C
2
C
1
R
2
R
1
R
REF
R
SET
Ground
V
OUT
V
CC
V
IN
1
2
3
4
14
13
5
6
11
15
12
V
BG
CVREF
CVSET
IN+
IN_
GND
ZA
OUTIA
INOP
7
8
GAIN
VOUT
VCC
VREF
VSET
Voltage Reference
AM401
+
_
OP2
+
_OP1
+
_ IA
Figure 4:
Application for current-driven sensing elements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com