Electronic Components Datasheet Search
  English  ▼

X  

ADM800M Datasheet(PDF) 5 Page - Analog Devices

Part # ADM800M
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800M Datasheet(HTML) 5 Page - Analog Devices

  ADM800M Datasheet HTML 1Page - Analog Devices ADM800M Datasheet HTML 2Page - Analog Devices ADM800M Datasheet HTML 3Page - Analog Devices ADM800M Datasheet HTML 4Page - Analog Devices ADM800M Datasheet HTML 5Page - Analog Devices ADM800M Datasheet HTML 6Page - Analog Devices ADM800M Datasheet HTML 7Page - Analog Devices ADM800M Datasheet HTML 8Page - Analog Devices ADM800M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–5–
REV. 0
Typical Performance Curves–
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
100
20
70
40
30
90
80
60
50
Figure 2. ICC vs. Temperature: Normal Operation
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
60
30
45
40
35
55
50
Figure 3. IBATT vs. Temperature: Battery Backup Mode
TEMPERATURE –
°C
–50
125
–25
0
25
50
75
100
80
20
50
40
30
70
60
Figure 4. Chip Enable ON-Resistance vs. Temperature
TEMPERATURE –
°C
–50
90
–30
–10
10
30
50
70
1.2
0.6
0.9
0.8
0.7
1.1
1.0
Figure 5. VCC to VOUT ON-Resistance vs. Temperature
IOUT – mA
80
0
40
120
60
80
100
70
40
30
20
10
60
50
ROUT = 0.67Ω
Figure 6. VCC to VOUT Voltage Drop vs. Current
IOUT – mA
70
0
410
68
60
50
40
20
10
30
ROUT = 7Ω
Figure 7. VBATT to VOUT Voltage Drop vs. Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com