Electronic Components Datasheet Search
  English  ▼

X  

ADM800M Datasheet(PDF) 2 Page - Analog Devices

Part # ADM800M
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800M Datasheet(HTML) 2 Page - Analog Devices

  ADM800M Datasheet HTML 1Page - Analog Devices ADM800M Datasheet HTML 2Page - Analog Devices ADM800M Datasheet HTML 3Page - Analog Devices ADM800M Datasheet HTML 4Page - Analog Devices ADM800M Datasheet HTML 5Page - Analog Devices ADM800M Datasheet HTML 6Page - Analog Devices ADM800M Datasheet HTML 7Page - Analog Devices ADM800M Datasheet HTML 8Page - Analog Devices ADM800M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADM691A/ADM693A/ADM800L/M–SPECIFICATIONS
–2–
REV. 0
(VCC = 4.75 V to 5.5 V (ADM691A, ADM800L) 4.5 V to 5.5 V (ADM693A, ADM800M) VBATT = +2.8 V, TA = TMIN to TMAX unless otherwise noted)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BATTERY BACKUP SWITCHING
VCC, VBATT Operating Voltage Range
0
5.5
V
VOUT Output Voltage
VCC – 0.05
VCC – 0.02
V
IOUT = 25 mA
VCC – 0.3
VCC – 0.2
V
IOUT = 250 mA
VCC to VOUT Output Resistance
0.8
1.2
Ω
VCC = 4.5 V
VOUT in Battery Backup Mode
VBATT – 0.3
V
VBATT = 4.5 V, IOUT = 20 mA
VBATT – 0.25
V
VBATT = 2.8 V, IOUT = 10 mA
VBATT – 0.15
V
VBATT = 2.0 V, IOUT = 5 mA
VBATT to VOUT Output Resistance
12
Ω
VBATT = 4.5 V
20
Ω
VBATT = 2.8 V
25
Ω
VBATT = 2.0 V
Supply Current (Excludes IOUT)
70
100
µAV
CC > (VBATT – 1 V)
Supply Current in B. Backup (Excludes IOUT)
0.04
1
µAV
CC < (VBATT – 1.2 V), VBATT = 2.8 V
Battery Standby Current
5.5 V > VCC > VBATT + 0.2 V
(+ = Discharge, – = Charge)
–0.1
+0.02
µA(V
BATT +0.2 V) < VCC , TA = +25°C
–1.0
+0.02
µA(V
BATT +0.2 V) < VCC
Battery Switchover Threshold
VBATT + 0.03
V
Power Up
VCC–VBATT
VBATT – 0.03
V
Power Down
Battery Switchover Hysteresis
60
mV
BATT ON Output Voltage Low
0.1
0.4
V
ISINK = 3.2 mA
0.7
1.5
V
ISINK = 25 mA
BATT ON Output Short Circuit Current
60
mA
Sink Current
1
15
100
µA
Source Current
RESET AND WATCHDOG TIMER
Reset Voltage Threshold
ADM691A, ADM800L
4.5
4.65
4.75
V
ADM693A, ADM800M
4.25
4.40
4.50
V
ADM800L, VCC Falling
4.55
4.70
V
TA = +25°C
ADM800M, VCC Falling
4.3
4.45
V
TA = +25°C
Reset Threshold Hysteresis
15
mV
VCC to RESET Delay
80
µs
Power Down
LOW LINE
to RESET Delay
800
ns
Reset Timeout Period Internal Oscillator
140
200
280
ms
Power Up
Reset Timeout Period External Clock
2048
Cycles
Power Up
Watchdog Timeout Period, Internal Oscillator
1.0
1.6
2.25
s
Long Period
70
100
140
ms
Short Period
Watchdog Timeout Period, External Clock
4096
Cycles
Long Period
1024
Cycles
Short Period
Minimum WDI Input Pulse Width
100
ns
VIL = 0.4, VIH = 0.75 × VCC
RESET
Output Voltage
0.004
0.3
V
ISINK = 50 µA, VCC = 1 V, VBATT = 0 V
0.1
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 1.6 mA, VCC = 5 V
RESET
Output Short Circuit Current
7
20
mA
RESET Output Voltage Low
0.1
0.4
V
ISINK = 3.2 mA
LOW LINE
Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 1 µA, VCC = 5 V
LOW LINE Short Circuit Source Current
1
15
100
µA
WDO
Output Voltage
0.4
V
ISINK = 3.2 mA, VCC = 4.25 V
3.5
V
ISOURCE = 500 µA, VCC = 5 V
WDO Short Circuit Source Current
3
10
mA
WDI Input Threshold
Logic Low
0.8
V
Logic High
0.75
× V
CC
V
WDI Input Current
–50
–10
µA
WDI = 0 V
20
50
µA
WDI = VOUT
POWER FAIL DETECTOR
PFI Input Threshold ADM69xA
1.2
1.25
1.3
V
VCC = 5 V
PFI Input Threshold ADM800L/M
1.225
1.25
1.275
V
VCC = 5 V
PFI Input Current
±0.01
±25
nA
PFO
Output Voltage
0.4
V
ISINK = 3.2 mA
3.5
ISOURCE = 1 µA
PFO
Short Circuit Source Current
1
15
100
µA
PFI
to PFO Delay
25
µsV
IN = –20 mV
60
µsV
IN = 20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com