Electronic Components Datasheet Search
  English  ▼

X  

ADM800M Datasheet(PDF) 10 Page - Analog Devices

Part # ADM800M
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800M Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM800M Datasheet HTML 4Page - Analog Devices ADM800M Datasheet HTML 5Page - Analog Devices ADM800M Datasheet HTML 6Page - Analog Devices ADM800M Datasheet HTML 7Page - Analog Devices ADM800M Datasheet HTML 8Page - Analog Devices ADM800M Datasheet HTML 9Page - Analog Devices ADM800M Datasheet HTML 10Page - Analog Devices ADM800M Datasheet HTML 11Page - Analog Devices ADM800M Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–10–
REV. 0
APPLICATIONS INFORMATION
INCREASING THE DRIVE CURRENT
If the continuous output current requirements at VOUT exceeds
250 mA or if a lower VCC–VOUT voltage differential is desired, an
external PNP pass transistor may be connected in parallel with
the internal transistor. The BATT ON output can drive the
base of the external transistor via a current limiting transistor.
0.1µF
+5V
INPUT
POWER
VCC
BATT
ON
VBATT
BATTERY
PNP
TRANSISTOR
VOUT
0.1µF
Figure 21. Increasing the Drive Current
Using a Rechargeable Battery for Backup
If a capacitor or a rechargeable battery is used for backup, then
the charging resistor should be connected to VOUT since this
eliminates the discharge path that would exist during power
down if the resistor were connected to VCC.
RECHARGEABLE
BATTERY
VOUT – VBATT
R
I =
R
ADM69_A
ADM800_
0.1µF
+5V
INPUT
POWER
VCC
VBATT
VOUT
0.1µF
Figure 22. Rechargeable Battery
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the
power fail comparator. Since the comparator circuit is noninverting,
hysteresis can be added simply by connecting a resistor between
the PFO output and the PFI input as shown in Figure 23. When
PFO
is low, resistor R3 sinks current from the summing junction
at the PFI pin. When PFO is high, R3 sources current into the
PFI summing junction. This results in differing trip levels for the
comparator. Resistors R1 and R2 therefore set the trip point
while R3 adds hysteresis. R3 should be larger than 10 k
Ω so that
it does not cause excessive loading on the PFO output. Addi-
tional noise rejection and filtering may be achieved by adding a
capacitor from PFI to GND.
1.25V
(PFO)
INPUT
POWER
R1
R2
PFI
R3
TO
µP NMI
5V
PFO
0V
0V
VL
VM
VIN
VH = 1.25 1+
R1
R2+R3
R2
× R3
VL = 1.25+R1
1.25
VCC–1.25
R2
R3
VMID= 1.25
R1+R2
R2
Figure 23. Adding Hysteresis to the Power Fail Comparator
Typical Operating Circuit
A typical operating circuit is shown in Figure 24. The circuit
features power supply monitoring, battery backup switching
and watchdog timing.
CMOS RAM is powered from VOUT . When 5 V power is
present, this is routed to VOUT. If VCC fails, then VBATT is
routed to VOUT. VOUT can supply up to 250 mA from VCC, but
if more current is required, an external PNP transistor can be
added. When VCC is higher than VBATT and the reset threshold,
BATT ON goes low, providing base drive for the external tran-
sistor. When VCC is lower than VBATT and the reset threshold,
an internal 7
Ω. MOSFET connects the backup battery to
VOUT.
Reset Output
The internal voltage detector monitors VCC and generates a
RESET
output to hold the microprocessor’s RESET line low
when VCC is below the reset threshold. An internal timer holds
RESET
low for 200 ms after VCC rises above the threshold.
This prevents repeated toggling of RESET even if the 5 V
power drops out and recovers with each power line cycle.
Early Power Fail Detector
The input power line is monitored via a resistive potential di-
vider connected to the Power Fail Input (PFI). When the volt-
age at PFI falls below 1.25 V, the Power Fail Output (PFO)
drives the processor’s NMI input low. If a Power Fail threshold
of 7 V is set with resistors R1 and R2, the microprocessor will
have the time when VCC drops below 7 V to save data into
RAM. Power supply capacitance will extend the time available.
This will allow more time for microprocessor housekeeping
tasks to be completed before power is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com