Electronic Components Datasheet Search
  English  ▼

X  

ADRF6703 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6703
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6703 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6703 Datasheet HTML 1Page - Analog Devices ADRF6703 Datasheet HTML 2Page - Analog Devices ADRF6703 Datasheet HTML 3Page - Analog Devices ADRF6703 Datasheet HTML 4Page - Analog Devices ADRF6703 Datasheet HTML 5Page - Analog Devices ADRF6703 Datasheet HTML 6Page - Analog Devices ADRF6703 Datasheet HTML 7Page - Analog Devices ADRF6703 Datasheet HTML 8Page - Analog Devices ADRF6703 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
12
160
MHz
REFIN Input Capacitance
4
pF
Phase Detector Frequency
20
40
MHz
MUXOUT Output Level
Low (lock detect output selected)
0.25
V
High (lock detect output selected)
2.7
V
MUXOUT Duty Cycle
50
%
CHARGE PUMP
Charge Pump Current
Programmable to 250 μA, 500 μA, 750 μA, 1000 μA
500
μA
Output Compliance Range
1
2.8
V
PHASE NOISE (FREQUENCY =
1850 MHz, fPFD = 38.4 MHz)
Closed loop operation (see
Figure 35 for loop filter design)
10 kHz offset
−110.8
dBc/Hz
100 kHz offset
−105.8
dBc/Hz
1 MHz offset
−124.6
dBc/Hz
10 MHz offset
−150
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.27
°rms
Reference Spurs
fPFD/2
−112
dBc
fPFD
−84
dBc
fPFD × 2
−87
dBc
fPFD × 3
−93
dBc
fPFD × 4
−90
dBc
PHASE NOISE (FREQUENCY =
1960 MHz, fPFD = 38.4 MHz)
Closed loop operation (see
Figure 35 for loop filter design)
10 kHz offset
−108.5
dBc/Hz
100 kHz offset
−104.2
dBc/Hz
1 MHz offset
−125.1
dBc/Hz
10 MHz offset
−149.9
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.25
°rms
Reference Spurs
fPFD/2
−110
dBc
fPFD
−83
dBc
fPFD × 2
−97
dBc
fPFD × 3
−91
dBc
fPFD × 4
−97
dBc
PHASE NOISE (FREQUENCY =
2140 MHz, fPFD = 38.4 MHz)
Closed loop operation (see
Figure 35 for loop filter design)
10 kHz offset
−107.5
dBc/Hz
100 kHz offset
−102.7
dBc/Hz
1 MHz offset
−126.1
dBc/Hz
10 MHz offset
−150.4
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.25
°rms
Reference Spurs
fPFD/2
−111
dBc
fPFD
−86
dBc
fPFD × 2
−88
dBc
fPFD × 3
−91
dBc
fPFD × 4
−99
dBc
RF OUTPUT HARMONICS
Measured at RFOUT, frequency = 2140 MHz
Second harmonic
−47
dBc
Third harmonic
−74
dBc
LO INPUT/OUTPUT
LOP, LON
Output Frequency Range
Divide by 2 circuit in LO path enabled
1550
2150
MHz
Divide by 2 circuit in LO path disabled
3100
4300
MHz
LO Output Level at 1960 MHz
2× LO or 1× LO mode, into a 50 Ω load, LO buffer enabled
1
dBm
LO Input Level
Externally applied 2× LO, PLL disabled
0
dBm
LO Input Impedance
Externally applied 2× LO, PLL disabled
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com