Electronic Components Datasheet Search
  English  ▼

X  

ADRF6703 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6703
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6703 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6703 Datasheet HTML 27Page - Analog Devices ADRF6703 Datasheet HTML 28Page - Analog Devices ADRF6703 Datasheet HTML 29Page - Analog Devices ADRF6703 Datasheet HTML 30Page - Analog Devices ADRF6703 Datasheet HTML 31Page - Analog Devices ADRF6703 Datasheet HTML 32Page - Analog Devices ADRF6703 Datasheet HTML 33Page - Analog Devices ADRF6703 Datasheet HTML 34Page - Analog Devices ADRF6703 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 31 of 36
MUX
RSET
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
CP
VTUNE
LOSEL
LON
LOP
2:1
MUX
VCO
CORE
TEMP
SENSOR
DECL2
DECL1
DECL3
RFOUT
OPEN
BUFFER
BUFFER
–
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
MUXOUT
GND
REFIN
ADRF6702
5
8
36
11
7
4
20
15
23
21
25
24
30
28
35
31
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
REG
MODULUS
INTEGER
REG
N COUNTER
21 TO 123
×2
÷2
÷4
DIVIDER
÷2
SPI
INTERFACE
C43
10µF
(0603)
C14
22pF
(0603)
CP
TEST
POINT
(OPEN)
C13
6.8pF
(0603)
C40
22pF
(0603)
C3
100pF
(0402)
R3
OPEN
(0402)
VCC
VTUNE
OPEN
C15
2.7nF
(1206)
C2
OPEN
(0402)
C1
100pF
(0402)
R38
OPEN
(0402)
R37
0Ω
(0402)
R2
OPEN
(0402)
C42
10µF
(0603)
C17
0.1µF
(0402)
R63
OPEN
(0402)
R65 10kΩ
(0402)
R9 10kΩ
(0402)
R12
0Ω
(0402)
R10
3kΩ
(0603)
R62
0Ω
(0402)
R11
OPEN
(0402)
RFOUT
C16
100pF
(0402)
C41
OPEN
(0603)
C11
0.1µF
(0402)
C12
100pF
(0402)
R16
OPEN
(0402)
C29
100pF
(0402)
C5
100pF
(0402)
R39
10kΩ
(0402)
VCC
S1
R40
10kΩ
(0402)
C6
100pF
(0402)
R73
49.9Ω
(0402)
SEE TEXT
5
EXT LO
REF_IN
REFOUT OPEN
1
43
T3
MABA-007159
R20
0Ω
(0402)
R43
10kΩ
(0402)
S2
R47
10kΩ
(0402)
VDD
VDD
VDD
VDD
VDD
VDD
VDD
27
13 12
C9
0.1µF
(0402)
C10
100pF
(0402)
C27
0.1µF
(0402)
C26
100pF
(0402)
C25
0.1µF
(0402)
C24
100pF
(0402)
C23
0.1µF
(0402)
C22
100pF
(0402)
C20
0.1µF
(0402)
C21
100pF
(0402)
C19
0.1µF
(0402)
C18
100pF
(0402)
14
2
9
40
39
3
6
38
37
29
C7
0.1µF
(0402)
VCC
RED
+5V
C28
10µF
(3216)
C8
100pF
(0402)
34
22
17
10
1
QN
QP
÷2
0/90
IP
IN
QN
QP
IP
IN
18
19
32
33
26
R23
OPEN
(0402)
16
LE (USB)
DATA (USB)
CLK (USB)
Figure 52. Evaluation Board Schematic (Loop Filter Set to 130 kHz)
Figure 53. Evaluation Board Top Layer
Figure 54. Evaluation Board Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com