Electronic Components Datasheet Search
  English  ▼

X  

ADRF6703 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6703
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6703 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6703 Datasheet HTML 25Page - Analog Devices ADRF6703 Datasheet HTML 26Page - Analog Devices ADRF6703 Datasheet HTML 27Page - Analog Devices ADRF6703 Datasheet HTML 28Page - Analog Devices ADRF6703 Datasheet HTML 29Page - Analog Devices ADRF6703 Datasheet HTML 30Page - Analog Devices ADRF6703 Datasheet HTML 31Page - Analog Devices ADRF6703 Datasheet HTML 32Page - Analog Devices ADRF6703 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 29 of 36
ADRF670x PHASE NOISE STAND SETUP
ALL INSTRUMENTS ARE CONNECTED IN DAISY CHAIN FASHION
VIA GBIP CABLE UNLESS OTHERWISE NOTED.
ROHDE AND SCHWARTZ
SMA 100 SIGNAL GENERATOR
AGILENT E3631A POWER
SUPPLY
AGILENT 34401A DMM
(IN DC I MODE, SUPPLY CURRENT
MEASUREMENT)
AGILENT E5052 SIGNAL SOURCE
ANALYZER
34980A MULTIFUNCTION SWITCH
(WITH 34950 AND 34921 MODULES)
AGILENT E4440A SPECTRUM
ANALYZER
KEITHLEY S46 SWITCH SYSTEM 1
(FOR BASEBAND INPUTS ON 6 SITES)
IFR 3416 SIGNAL GENERATOR
(BASEBAND SOURCE)
KEITHLEY S46 SWITCH SYSTEM 2
(FOR IF OUT AND REFIN ON 6 SITES)
INPUT DC
10 PIN CONNECTOR
(DC MEASUREMENT, +5V POS)
AND9PINDSUB
CONNECTOR (VCO AND PLL
PROGRAMMING)
REFIN
IF OUT
REFIN
LO OUT
BASEBAND INPUTS
(IP, IN, QP, QN)
PC CONTROL
CONNECTED TO SYSTEM VIA USB TO GPIB ADAPTER
ADRF6702
EVAL BOARD
Figure 50. Characterization Setup for Phase Noise and Reference Spur Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com