| Electronic Components Datasheet Search |
|
PIC10F222I/P Datasheet(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222I/P Datasheet(HTML) 20 Page - Microchip Technology |
|
20 / 86 page ![]() PIC10F220/222 DS41270E-page 18 © 2007 Microchip Technology Inc. 4.6 OSCCAL Register The Oscillator Calibration (OSCCAL) register is used to calibrate the internal precision 4/8 MHz oscillator. It contains seven bits for calibration . After you move in the calibration constant, do not change the value. See Section 8.2.2 “Internal 4/8 MHz Oscillator”. Note: Erasing the device will also erase the pre- programmed internal calibration value for the internal oscillator. The calibration value must be read prior to erasing the part so it can be reprogrammed correctly later. REGISTER 4-3: OSCCAL – OSCILLATOR CALIBRATION REGISTER (ADDRESS: 05h) R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-0 CAL6 CAL5 CAL4 CAL3 CAL2 CAL1 CAL0 FOSC4 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-1 CAL<6:0>: Oscillator Calibration bits 0111111 = Maximum frequency • • • 0000001 0000000 = Center frequency 1111111 • • • 1000000 = Minimum frequency bit 0 FOSC4: INTOSC/4 Output Enable bit(1) 1 = INTOSC/4 output onto GP2 0 = GP2/T0CKI applied to GP2 Note 1: Overrides GP2/T0CKI control registers when enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |