| Electronic Components Datasheet Search |
|
PIC10F222I/P Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222I/P Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 86 page ![]() PIC10F220/222 DS41270E-page 20 © 2007 Microchip Technology Inc. 4.9 Indirect Data Addressing; INDF and FSR Registers The INDF register is not a physical register. Addressing INDF actually addresses the register whose address is contained in the FSR register (FSR is a pointer). This is indirect addressing. 4.9.1 INDIRECT ADDRESSING • Register file 09 contains the value 10h • Register file 0A contains the value 0Ah • Load the value 09 into the FSR register • A read of the INDF register will return the value of 10h • Increment the value of the FSR register by one (FSR = 0A) • A read of the INDR register now will return the value of 0Ah. Reading INDF itself indirectly (FSR = 0) will produce 00h. Writing to the INDF register indirectly results in a no-operation (although Status bits may be affected). A simple program to clear RAM locations 10h-1Fh using Indirect addressing is shown in Example 4-1. EXAMPLE 4-1: HOW TO CLEAR RAM USING INDIRECT ADDRESSING The FSR is a 5-bit wide register. It is used in conjunc- tion with the INDF register to indirectly address the data memory area. The FSR<4:0> bits are used to select data memory addresses 00h to 1Fh. FIGURE 4-6: DIRECT/INDIRECT ADDRESSING Note: Do not use banking. FSR <7:5> are unimplemented and read as ‘1’s. MOVLW 0x10 ;initialize pointer MOVWF FSR ;to RAM NEXT CLRF INDF ;clear INDF ;register INCF FSR,F ;inc pointer BTFSC FSR,4 ;all done? GOTO NEXT ;NO, clear next CONTINUE : ;YES, continue : Note 1: For register map detail, see Section 4.3 “Data Memory Organization”. Location Select Location Select Indirect Addressing Direct Addressing Data Memory(1) 0Fh 10h Bank 0 0 4 (FSR) 00h 1Fh (opcode) 0 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |