| Electronic Components Datasheet Search |
|
PIC10F222I/P Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222I/P Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 86 page ![]() PIC10F220/222 DS41270E-page 32 © 2007 Microchip Technology Inc. 7.9 A/D Acquisition Requirements For the ADC to meet its specified accuracy, the charge holding capacitor (CHOLD) must be allowed to fully charge to the input channel voltage level. The Analog Input model is shown in Figure 7-1. The source impedance (RS) and the internal sampling switch (RSS) impedance directly affect the time required to charge the capacitor CHOLD. The sampling switch (RSS) impedance varies over the device voltage (VDD), see Figure 7-1. The maximum recommended impedance for analog sources is 10 k Ω. As the source impedance is decreased, the acquisition time may be decreased. After the analog input channel is selected (or changed), an A/D acquisition must be done before the conversion can be started. To calculate the minimum acquisition time, Equation 7-1 may be used. This equation assumes that 1/2 LSb error is used (256 steps for the ADC). The 1/2 LSb error is the maximum error allowed for the ADC to meet its specified resolution. EQUATION 7-1: ACQUISITION TIME EXAMPLE FIGURE 7-1: ANALOG INPUT MODULE Note 1: The charge holding capacitor (CHOLD) is not discharged after each conversion. 2: The maximum recommended impedance for analog sources is 10 k Ω. This is required to meet the pin leakage specification. Assumptions: Temperature = 50°C and external impedance of 10 k Ω 5.0V VDD Tacq = Amplifier Settling Time + Hold Capacitor Charging Time + Temperature Coefficient =TAMP + TC + TCOFF =2 μs + TC + [(Temperature - 25°C)(0.05 μs/°C)] Solving for Tc: Tc = CHOLD (RIC + RSS + RS) In(1/512) = -25pF (l k Ω + 7 kΩ + 10 kΩ ) In(0.00196) =2.81 μs Therefore: Tacq = 2 μs + 2.81 μs + [(50°C-25°C)(0.0 5μs/°C)] =6.06 μs CPIN VA Rs ANx 5 pF VDD VT = 0.6V VT = 0.6V I LEAKAGE RIC ≤ 1k Sampling Switch SS Rss CHOLD = 25 pF VSS/VREF- 6V Sampling Switch 5V 4V 3V 2V 567 8 9 10 11 (k Ω) VDD ± 500 nA RSS Legend: CPIN = Input Capacitance VT = Threshold Voltage ILEAKAGE = Leakage current at the pin due to various junctions RIC = Interconnect Resistance SS = Sampling Switch CHOLD = Sample/Hold Capacitance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |