Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2913 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2913 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Display Overview
The HCMS-29xx series is a family of LED displays driven 
by on-board CMOS ICs. The LEDs are configured as 5 x 7 
font characters and are driven in groups of 4 characters 
per IC. Each IC consists of a 160-bit shift register (the Dot 
Register), two 7-bit Control Words, and refresh circuitry. 
The Dot Register contents are mapped on a one-to-one 
basis to the display. Thus, an individual Dot Register bit 
uniquely controls a single LED.
8-character displays have two ICs that are cascaded. The 
Data  Out  line  of  the  first  IC  is  internally  connected  to 
the Data In line of the second IC forming a 320-bit Dot 
Register. The display’s other control and power lines are 
connected directly to both ICs. In 16-character displays, 
each row functions as an independent 8-character display 
with its own 320-bit Dot Register.
Reset
Reset  initializes  the  Control  Registers  (sets  all  Control 
Register bits to logic low) and places the display in the 
sleep mode. The Reset pin should be connected to the 
system power-on reset circuit. The Dot Registers are not 
cleared upon power-on or by Reset. After power-on, the 
Dot  Register  contents  are  random;  however,  Reset  will 
put  the  display  in  sleep  mode,  thereby  blanking  the 
LEDs.  The  Control  Register  and  the  Control  Words  are 
cleared to all zeros by Reset.
To  operate  the  display  after  being  Reset,  load  the  Dot 
Register with logic lows. Then load Control Word 0 with 
the desired brightness level and set the sleep mode bit 
to logic high.
Dot Register
The  Dot  Register  holds  the  pattern  to  be  displayed  by 
the LEDs. Data is loaded into the Dot Register according 
to the procedure shown in Table 1 and the Write Cycle 
Timing Diagram.
First  RS  is  brought  low,  then  CE  is  brought  low.  Next, 
each  successive  rising  CLK  edge  will  shift  in  the  data 
at  the  DIN  pin.  Loading  a  logic  high  will  turn  the  cor-
responding LED on; a logic low turns the LED off. When 
all 160 bits have been loaded (or 320 bits in an 8-digit 
display), CE is brought to logic high.
When  CLK  is  next  brought  to  logic  low,  new  data  is 
latched  into  the  display  dot  drivers.  Loading  data  into 
the Dot Register takes place while the previous data is 
displayed and eliminates the need to blank the display 
while loading data.
Pixel Map
In a 4-character display, the 160-bits are arranged as 20 
columns by 8 rows. This array can be conceptualized as 
four 5 x 8 dot matrix character locations, but only 7 of 
the  8  rows  have  LEDs  (see  Figures  1  &  2). The  bottom 
row  (row  0)  is  not  used. Thus,  latch  location  0  is  never 
displayed. Column 0 controls the left-most column. Data 
from Dot Latch locations 0-7 determine whether or not 
pixels in Column 0 are turned-on or turned-off. Therefore, 
the  lower  left  pixel  is  turned-on  when  a  logic  high  is 
stored  in  Dot  Latch  location  1.  Characters  are  loaded 
in  serially,  with  the  left-most  character  being  loaded 
first and the right-most character being loaded last. By 
loading  one  character  at  a  time  and  latching  the  data 
before loading the next character, the figures will appear 
to scroll from right to left.
Table 1. Register Truth Table
Function
CLK
CE
RS
Select Dot Register 
Not Rising 
 
L
  Load Dot Register 
    DIN = HIGH   LED = “ON” 
 
L 
X 
    DIN = LOW    LED = “OFF”
Copy Data from Dot Register to Dot Latch 
L 
H 
X
Select Control Register 
Not Rising 
 
H
  Load Control Register[1,3] 
 
L 
X
  Latch Data to Control Word[2] 
L 
 
X
Notes:
1.  BIT D0 of Control Word 1 must have been previously set to Low for serial mode or High for simultane-
ous mode.
2.  Selection of Control Word 1 or Control Word 0 is set by D7 of the Control Shift Register. The unselect-
ed control word retains its previous value.
3.  Control Word data is loaded Most Significant Bit (D7) first.
↑ ↓
↑ ↓
↑ ↓
↑ ↓
↑ ↓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com