Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2913 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2913 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•  Easy to use
•  Interfaces directly with microprocessors
•  0.15”  character  height  in  4,  8,  and  16  (2x8)  character 
packages
•  0.20” character height in 4 and 8 character packages
•  Rugged X- and Y-stackable package
•  Serial input
•  Convenient brightness controls
•  Wave solderable
•  Offered in five colors
•  Low power CMOS technology
•  TTL compatible
Applications
•  Telecommunications equipment
•  Portable data entry devices
•  Computer peripherals
•  Medical equipment
•  Test equipment
•  Business machines
•  Avionics
•  Industrial controls
Device Selection Guide
AlGaAs
HER
Orange
Yellow
Green
Package
Description
HCMS-
HCMS-
HCMS-
HCMS-
HCMS-
Drawing
1 x 4 0.15” Character 
2905 
2902 
2904 
2901 
2903 
A
1 x 8 0.15” Character 
2915 
2912 
2914 
2911 
2913 
B
2 x 8 0.15” Character 
2925 
2922 
2924 
2921 
2923 
C
1 x 4 0.20” Character 
2965 
2962 
2964 
2961 
2963 
D
1 x 8 0.20” Character 
2975 
2972 
2974 
2971 
2973 
E
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID STATIC DISCHARGE.
Description
The  HCMS-29xx  series  are  high  performance,  easy 
to use dot matrix displays driven by on-board CMOS ICs. 
Each display can be directly interfaced with a microproces-
sor, thus eliminating the need for cumbersome interface 
components. The serial IC interface allows higher charac-
ter count information displays with a minimum of data 
lines.  A  variety  of  colors,  font  heights,  and  character 
counts gives designers a wide range of product choices 
for their specific applications and the easy to read 5 x 7 
pixel format allows the display of uppercase, lower case, 
Katakana, and custom user-defined characters. These dis-
plays  are  stackable  in  the  x-  and  y-  directions,  making 
them ideal for high character count displays.
HCMS-29xx Series
High Performance CMOS 5 x 7 Alphanumeric Displays
Data Sheet


Similar Part No. - HCMS-2913

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-2913 HP-HCMS-2913 Datasheet
138Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2913 AVAGO-HCMS-2913 Datasheet
201Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2913 HP-HCMS-2913 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2913 BOARDCOM-HCMS-2913 Datasheet
329Kb / 17P
High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2913

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com