Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2913 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2913
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2913 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-2913 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCMS-2913 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Appendix A. Thermal Considerations
The display IC has a maximum junction temperature of 
150°C.  The  IC  junction  temperature  can  be  calculated 
with Equation 1 below.
A typical value for RqJA is 100°C/W. This value is typical 
for  a  display  mounted  in  a  socket  and  covered  with  a 
plastic filter. The socket is soldered to a .062 in. thick PCB 
with .020 inch wide, one ounce copper traces.
PD can be calculated as Equation 2 below.
Figure 4 shows how to derate the power of one IC versus 
ambient  temperature.  Operation  at  high  ambient  tem-
peratures may require the power per IC to be reduced. 
The  power  consumption  can  be  reduced  by  changing 
either the N, IPIXEL, Osc cyc or VLED. Changing VLOGIC has 
very little impact on the power consumption.
Appendix B. Electrical Considerations
Equation 1:
TJMAX = TA + PD * RqJA
Where:
 
TJMAX = maximum IC junction temperature
 
TA = ambient temperature surrounding the display
 
RqJA = thermal resistance from the IC junction to ambient
 
PD = power dissipated by the IC
Equation 2:
PD = (N * IPIXEL * Duty Factor * VLED) + ILOGIC * VLOGIC
Where:
 
PD = total power dissipation
 
N = number of pixels on (maximum 4 char * 5 * 7 = 140)  
 
IPIXEL = peak pixel current.
  Duty Factor = 1/8 * Osccyc/64
 
Osc cyc = number of ON oscillator cycles per row
 
ILOGIC = IC logic current
 
VLOGIC = logic supply voltage
Equation 3:
IPEAK = M * 20 * IPIXEL
Where:
 
IPEAK = maximum instantaneous peak current for the display
 
M = number of ICs in the system
 
20 = maximum number of LEDs on per IC
 
IPIXEL = peak current for one LED
Equation 4:
ILED(AVG) = N * IPIXEL * 1/8 * (oscillator cycles)/64
(see Variable Definitions above)
Figure 4.
0
25
TA – AMBIENT TEMPERATURE – °C
0.7
0.6
0.5
0.4
0.3
0.2
0.1
60
55
50
45
40
35
30
0.8
0.9
1.0
1.1
1.2
85
80
75
70
65
90
1.3
R
= 100
°C/W
J-A
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com