Electronic Components Datasheet Search
  English  ▼

X  

AP1601 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AP1601
Description  LED light control IC, dimmer compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1601 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AP1601 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
[AP1601]
MS 1454-E-01
2
2012/08
BLOCK DIAGRAM
Depletion
MOSFET
HV
VDD
BLEED
5V
Regulator
SWVDD
UVLO
BLEEDER
OVP
RESET
Driver
TSD
OCP
x5
S
HOLD
CLK
ZCD
LD
VFC
OSC
PW M
GND
CS
OUT
REF
2.5V
1.2V
LEB
SEL
-
-
+
R
Q
S
R
Q
Driver
2.8uA
2uA
100kΩ
2MΩ
Figure 1. AP1601 Block diagram
Block
Description
BLEEDER
By monitoring the BLEED pin voltage and SWVDD condition, a bleed from HV
pin or VDD charge ON/OFF is controlled.
5V Regulator
5V for internal circuits is generated from VDD pin.
SWVDD
By monitoring VDD pin voltage and if VDD voltage is deficient, a signal to
BLEEDER is output.
RESET
By monitoring 5V regulator startup condition, malfunction of internal circuits
using 5V is prevented.
UVLO
By monitoring VDD pin voltage, Driver output is held to GND level and 5V
regulator is inactivated so that malfunction at low voltage is prevented.
OVP
Over voltage detection circuit on VDD pin.
Driver
Driver for external N type MOSFET.
TSD
Overheat detection circuit.
OCP
Over current detection circuit for external MOSFET.
CLK
Internal clock / Off-time generation circuit.
ZCD
Bottom voltage detection circuit.
HOLD
By sampling the auxiliary winding voltage, which is proportional to the Vf of the
LEDs, a internal voltage is generated, which compensates for the CLK frequency
on DCM or the off-time on CCM.
LEB
Leading edge blank circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com