Electronic Components Datasheet Search
  English  ▼

X  

AP1601 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP1601
Description  LED light control IC, dimmer compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1601 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP1601 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
[AP1601]
MS 1454-E-01
13
2012/08
90
110
130
150
170
5
6
7
8
9
Number of LEDs vs Switching frequency
(Example)
Number of LEDs connected in series
94
98
102
106
110
85 105 125 145 165 185 205 225 245 265
Input voltage (VAC)
(kHz)
AC input voltage vs Switching frequency
(Example)
Figure 9. Examples of frequency changes as in input voltage changes or number of LEDs change
Switching frequency
sw
F is approximately given by the following formula,
in
F
bottom
Lp
peak
Lp
p
F
in
sw
V
V
I
I
L
V
V
F
_
_
ILp_bottom is the bottom current on the transformer primary side after the off-time tOFF period.
2-2-3) Analog dimming
LED analog dimming is available using the LD pin. Analog dimming is achieved by decreasing the peak current on
the transformer primary side. Analog diming is controlled by applying an external voltage to the LD pin. The
allowable voltage range on the LD pin is from 0 to VREF(5V (typ)). The peak detection voltage on the CS pin is
changed when the LD voltage is less than 2.65V(typ) as shown in Figure 10. Switching will not stop even if the LD
pin connects to GND.
0
1
2
3
4
5
50
100
LD (V)
Figure 10. Relationship between LD pin voltage and transformer primary side current (ILp_peak)
2-2-4) PWM dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com