Electronic Components Datasheet Search
  English  ▼

X  

AP1601 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP1601
Description  LED light control IC, dimmer compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1601 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1601 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1601 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
[AP1601]
MS 1454-E-01
11
2012/08
NS、NB are respectively the number of the secondary winding and the auxiliary winding of transformer T1 .
The VVFC voltage is reflected in the OSC pin voltage and is in the range from 0.2V(typ) to 2V(typ); if it is less than
0.2V , the OSC voltage will be 0.2V, and if it is more than 2V(typ), the OSC pin voltage will be 2V(typ). (refer to
Figure 6.)
As the graph in Figure 6 shows, VVFC which is the center of VF variation should be 1V to compensate LED VF
variation. When the voltage is 1V, the ratio of R11 and R12 is approximately given by the following formula.
1
2
6
5
12
11
D
C
D
S
B
V
V
V
N
N
R
R
R11’s selectable range is from 5kΩ to 100kΩ. The number of transformer auxiliary winding is determined by the
VDD voltage.
The VDD pin voltage, VDD in stable operation, is approximately given by the following formula,
3
4
6
5
R
I
V
V
V
N
N
V
DD
D
C
D
S
B
DD
When the LED VF variation is expected to be ±30%, the VDD voltage, which is the center of the variation, should
be set approximately to 15V to be operating within the VDD operating voltage range.
Bottom voltage detection (VTHZC)
Figure 8 shows the schematic of bottom voltage detection on the VFC pin.
As the figure is shown, the rising edge of the internal CKL is the regular interval (=Ts)
However, by the bottom voltage detection function, CLK is kept on high level until VFC becomes less than VTHZC
as shown in the dashed line box A in the figure.
If the VFC pin is already less than VTHZC at the internal CLK rising edge, the OUT pin should be VOUTH level.
However, there are the following exceptions in order to prevent malfunction.
①
If internal CLK rises while the OUT pin is VOUTH level, the CLK will not be maintained.
②
TBLANK period (700ns, design value) immediately after the OUT pin becomes VOUTL level, ZCD(Internal) shown in
Figure 8 is held as low level and VTHZC detection on the VFC pin is disabled.
OUT
VDS
VFC
CLK(Internal)
VTHZC
A
Ts
Ts
Ts
ZCD(Internal)
Figure 8. Bottom voltage detection (VTHZC)
By this bottom voltage detection function, the external MOSFET is able to turn on in low voltage and current
level, and a noise-reduction effect can be expected. Furthermore, switching-loss can be reduced and power
efficiency will be improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com