Electronic Components Datasheet Search
  English  ▼

X  

AP2200 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP2200
Description  Step-up DC/DC converter IC supporting 1 or 2 solar cells
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP2200 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
[ AP2200]
MS1462-E-00
5
Table 4 Electric
characteristics
TA = 25ºC except as otherwise noted
Item
Symbol
Condition
Min
Typ
Max
Unit
DC/DC converter
VOUT voltage
(Note3)
VTGT
TA = 25 ºC, SEL=0
3.96
4.0
4.04
V
TA = -30 to 85ºC ,
SEL=0
3.92
4.0
4.08
TA = -30 to 85ºC ,
SEL=1
4.75
5.0
5.25
VOUT hysteresis
VTGTHYS
0.16
0.38
0.60
%
High-side on resistance
RONTOP
0.2
Ω
Low-side on resistance
RONBOT
0.1
Switching frequency
fOSC
450
500
550
kHz
Low-side current limit
(Note 2)
ILIM
0.9
1.2
1.5
A
MPPT circuit
VPM open circuit voltage
ratio
MPP
MPP=VPM/VOC
78
80
82
%
Open circuit voltage
sampling period
tSH
90
100
110
ms
Monitoring circuit
No battery detect voltage
VBLOW
1.0
-
2.5
V
Low VOUT detect voltage
VOL
2.35
2.65
2.90
V
Logic I/O
External switch driving
voltage
VOLLC
I=-1uA
-
-
GND+0.1
V
VOHLC
I=1uA
VOUT>VB
VOUT<VB
VOUT-0.45
VB-0.45
-
-
Standby input voltage
VILSTB
-
-
0.3
V
VIHSTB
1.0
-
-
Output voltage switching
input voltage
(Note 4)
VILSEL
-
-
VOUT*0.3
V
VIHSEL
VOUT*0.7
-
-
Control part
Internal regulator voltage
VREG
1.62
1.8
1.98
V
Operating frequency
fCK
0.9
1.0
1.1
MHz
Pin current
VIN pin current
IVIN
During normal
operation:
VIN<1.2V@ TA >25°C
VIN<1.6V@ TA <25°C
-
-
50
A
VB pin current
IVB
LC=H/L
-
10
20
A
Internal pull-down resistance
STBY pin
RPDSTBY
0.5
-
1.5
MΩ
SEL pin
RPDSEL
0.5
-
1.5
MΩ
Note 1:
The voltage is based on the ground pin.
Note 2:
Not tested in mass production.
Note 3:
Only tested at TA = 25ºC in mass production.
Note 4:
Connect the SEL pin to the VOUT or the GND pin.
ELECTRIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com