Electronic Components Datasheet Search
  English  ▼

X  

AP2200 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP2200
Description  Step-up DC/DC converter IC supporting 1 or 2 solar cells
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP2200 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 16Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
[ AP2200]
MS1462-E-00
12
Application schematics
S e t o u t p u t v o l t a g e t o 4 V
S e t o u t p u t v o l t a g e t o 5 V
Note1:
Select the C1 value to prevent the LC pin voltage from exceeding the absolute maximum
rating due to the current through parasitic capacitance of the external load switch.
REFERENCE DESIGN
(1 cell 400mW)
When connected to battery
To other equipment
Solar cell
0.4 to 0.8V
When connected to USB
(2 cell 800mW)
Solar cell
0.8 to 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com