Electronic Components Datasheet Search
  English  ▼

X  

AP2200 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP2200
Description  Step-up DC/DC converter IC supporting 1 or 2 solar cells
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2200 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP2200 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2200 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
[ AP2200]
MS1462-E-00
1
AP2200
Step-up DC/DC converter IC supporting 1 or 2 solar cells
OVERVIEW
The AP2200 is a voltage step-up DC/DC converter using the synchronous rectification method to
be activated with 1 or 2 solar cells and is ideal for charging lithium-ion batteries or outputting USB
VBUS voltage. Also, the MPPT (Max Power Point Tracking) function is embedded in order to
maximize the output power from the solar cells.
FEATURES
 Input voltage range
0.4 V to 1.6 V
 Operating temperature range
-30 to 85°C
 Input power
Up to 400 mW per 1 cell
Up to 800 mW per 2 cells
 Output voltage
4.0 V (±2%) per 1 cell
5.0 V (±5.0%) per 2 cells
 Control method
Comparator control method
 Rectification method
Synchronous rectification method
 Standby function
When the STBY pin is H, the LC pin is fixed to H
 No battery detect function
When the VB pin voltage decreases, the LC pin is fixed to H
 Efficiency
70% (1 cell input, 4.0 V, 50 mA output),
80% (2 cells input, 5.0 V, 80 mA output)
 Package
QFN 16 pin
 Application
For charging a lithium-ion battery and
USB VBUS source with 1 or 2 solar cells


Similar Part No. - AP2200

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
More results

Similar Description - AP2200

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
Single-channel step-up or step-down DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
Step-down, step-up, or inverting DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
Step-up DC-DC converter IC
logo
ams AG
AS1343 AMSCO-AS1343 Datasheet
1Mb / 17P
42V, 1-2 Cells, Micropower, DC-DC Boost Converter
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
Step-up DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com