Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 142 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 142 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 138Page - Altera Corporation EP3C40 Datasheet HTML 139Page - Altera Corporation EP3C40 Datasheet HTML 140Page - Altera Corporation EP3C40 Datasheet HTML 141Page - Altera Corporation EP3C40 Datasheet HTML 142Page - Altera Corporation EP3C40 Datasheet HTML 143Page - Altera Corporation EP3C40 Datasheet HTML 144Page - Altera Corporation EP3C40 Datasheet HTML 145Page - Altera Corporation EP3C40 Datasheet HTML 146Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 274 page
background image
7–20
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
Document Revision History
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
May 2008
1.2
Changes include addition of BLVD information
■ Updated “Introduction” section with BLVDS information.
■ Updated Figure 7–1 with BLVDS information and added Note 5.
■ Updated Table 7–1 and added BLVDS information.
■ Updated “Cyclone III High-Speed I/O Banks” section with BLVDS information.
■ Updated Table 7–2 and 7–6.
■ Added new section “BLVDS I/O Standard Support in Cyclone III Devices”.
■ Updated Note 4 to Figure 7–4.
■ Updated Note 1 to Figure 7–10.
■ Updated Note 1 to Figure 7–11.
■ Updated Note 1 to Figure 7–14.
■ Updated “Mini-LVDS I/O Standard Support in Cyclone III Devices” section.
■ Updated Note 1 to Figure 7–17.
■ Updated “LVPECL I/O Support in Cyclone III Devices” section.
■ Added new Figure 7–18.
July 2007
1.1
■ Added note that PLL output clock pins do not support Class II type of selected differential
I/O standards.
■ Added Table 8–3 that lists the number of differential channels which are migratable
across densities and packages.
■ Updated (Note 4) to Figure 7–1.
■ Updated (Note 3) to Table 7–1.
■ Added new Table 7–3.
■ Added (Note 1) to Figure 7–21.
■ Added (Note 1) to Figure 7–23.
■ Added chapter TOC and “Referenced Documents” section.
March 2007
1.0
Initial release.
Table 7–6. Document Revision History (Part 2 of 2)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com