Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 159 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 159 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 155Page - Altera Corporation EP3C40 Datasheet HTML 156Page - Altera Corporation EP3C40 Datasheet HTML 157Page - Altera Corporation EP3C40 Datasheet HTML 158Page - Altera Corporation EP3C40 Datasheet HTML 159Page - Altera Corporation EP3C40 Datasheet HTML 160Page - Altera Corporation EP3C40 Datasheet HTML 161Page - Altera Corporation EP3C40 Datasheet HTML 162Page - Altera Corporation EP3C40 Datasheet HTML 163Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 274 page
background image
CIII51016-2.2
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
August 2012
Subscribe
ISO
9001:2008
Registered
9. Configuration, Design Security, and
Remote System Upgrades in the
Cyclone III Device Family
This chapter describes the configuration, design security, and remote system
upgrades in Cyclone® III devices. The Cyclone III device family (Cyclone III and
Cyclone III LS devices) uses SRAM cells to store configuration data. Configuration
data must be downloaded to Cyclone III device family each time the device powers
up because SRAM memory is volatile.
The Cyclone III device family is configured using one of the following configuration
schemes:
■
Fast Active serial (AS)
■
Active parallel (AP) for Cyclone III devices only
■
Passive serial (PS)
■
Fast passive parallel (FPP)
■
Joint Test Action Group (JTAG)
All configuration schemes use an external configuration controller (for example,
MAX® II devices or a microprocessor), a configuration device, or a download cable.
The Cyclone III device family offers the following configuration features:
■
Configuration data decompression
■
Design security (for Cyclone III LS devices only)
■
Remote system upgrade
As Cyclone III LS devices play a role in larger and more critical designs in competitive
commercial and military environments, it is increasingly important to protect your
designs from copying, reverse engineering, and tampering. Cyclone III LS devices
address these concerns with 256-bit advanced encryption standard (AES)
programming file encryption and anti-tamper feature support to prevent tampering.
For more information about the design security feature in Cyclone III LS devices, refer
to “Design Security” on page 9–70.
System designers face difficult challenges such as shortened design cycles, evolving
standards, and system deployments in remote locations. The Cyclone III device
family helps overcome these challenges with inherent re-programmability and
dedicated circuitry to perform remote system upgrades. Remote system upgrades
help deliver feature enhancements and bug fixes without costly recalls, reduce
time-to-market, and extend product life. Remote system upgrades can also be
implemented with the advanced Cyclone III device family features such as real-time
decompression of configuration data. For more information about the remote system
upgrade feature in Cyclone III device family, refer to “Remote System Upgrade” on
page 9–74.
August 2012
CIII51016-2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com