Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 191 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 191 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 187Page - Altera Corporation EP3C40 Datasheet HTML 188Page - Altera Corporation EP3C40 Datasheet HTML 189Page - Altera Corporation EP3C40 Datasheet HTML 190Page - Altera Corporation EP3C40 Datasheet HTML 191Page - Altera Corporation EP3C40 Datasheet HTML 192Page - Altera Corporation EP3C40 Datasheet HTML 193Page - Altera Corporation EP3C40 Datasheet HTML 194Page - Altera Corporation EP3C40 Datasheet HTML 195Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–33
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Programming Parallel Flash Memories
Supported parallel flash memories are external non-volatile configuration devices.
They are industry standard microprocessor flash memories. For more information
about the supported families for the commodity parallel flash, refer to Table 9–11 on
page 9–24.
Cyclone III devices in a single- or multiple-device chains support in-system parallel
flash programming with the JTAG interface using the flash loader megafunction. For
Cyclone III devices, the board-intelligent host or download cable uses four JTAG pins
to program the parallel flash in system, even if the host or download cable cannot
access the configuration pins of the parallel flash.
f For more information about using the JTAG pins on Cyclone III devices to program
the parallel flash in-system, refer to AN 478: Using FPGA-Based Parallel Flash Loader
(PFL) with the Quartus II Software.
In the AP configuration scheme, the default configuration boot address is 0×010000
when represented in 16-bit word addressing in the supported parallel flash memory
(Figure 9–13). In the Quartus II software, the default configuration boot address is
0x020000 because it is represented in 8-bit byte addressing. Cyclone III devices
configure from word address 0x010000, which is equivalent to byte address 0x020000.
1 The Quartus II software uses byte addressing for the default configuration boot
address. You must set the start address field to 0x020000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com