Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 253 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 253 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 249Page - Altera Corporation EP3C40 Datasheet HTML 250Page - Altera Corporation EP3C40 Datasheet HTML 251Page - Altera Corporation EP3C40 Datasheet HTML 252Page - Altera Corporation EP3C40 Datasheet HTML 253Page - Altera Corporation EP3C40 Datasheet HTML 254Page - Altera Corporation EP3C40 Datasheet HTML 255Page - Altera Corporation EP3C40 Datasheet HTML 256Page - Altera Corporation EP3C40 Datasheet HTML 257Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 274 page
background image
CIII51013-2.3
© 2011 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
December 2011
Subscribe
ISO
9001:2008
Registered
11. SEU Mitigation in the Cyclone III
Device Family
Dedicated circuitry built into the Cyclone® III device family (Cyclone III and
Cyclone III LS devices) consists of a cyclical redundancy check (CRC) error detection
feature that can optionally check for a single-event upset (SEU) continuously and
automatically.
In critical applications used in the fields of avionics, telecommunications, system
control, medical, and military applications, it is important to be able to:
■
Confirm the accuracy of the configuration data stored in an FPGA device
■
Alert the system to an occurrence of a configuration error
This chapter describes how to activate and use the error detection CRC feature in user
mode and describes how to recover from configuration errors caused by CRC error.
Using the CRC error detection feature for Cyclone III device family does not impact
fitting or performance.
This chapter contains the following sections:
■
“Error Detection Fundamentals” on page 11–1
■
“Configuration Error Detection” on page 11–2
■
“User Mode Error Detection” on page 11–2
■
“Automated SEU Detection” on page 11–3
■
“CRC_ERROR Pin” on page 11–3
■
“Table 11–2 lists the CRC_ERROR pin.” on page 11–4
■
“Error Detection Block” on page 11–4
■
“Error Detection Timing” on page 11–5
■
“Software Support” on page 11–7
■
“Recovering from CRC Errors” on page 11–10
Error Detection Fundamentals
Error detection determines if the data received through an input device is corrupted
during transmission. In validating the data, the transmitter uses a function to
calculate a checksum value for the data and appends the checksum to the original
data frame. The receiver uses the same calculation methodology to generate a
checksum for the received data frame and compares the received checksum to the
transmitted checksum. If the two checksum values are equal, the received data frame
is correct and no data corruption has occurred during transmission or storage.
December 2011
CIII51013-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com