Electronic Components Datasheet Search
  English  ▼

X  

3.3-VLVCMOS Datasheet(PDF) 5 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 5 Page - Altera Corporation

  3.3-VLVCMOS Datasheet HTML 1Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 2Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 3Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 4Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 5Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 6Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 7Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 8Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–5
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
DC Characteristics
This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT)
tolerance, and bus hold specifications for Cyclone III devices.
Supply Current
Standby current is the current the device draws after the device is configured with no
inputs or outputs toggling and no activity in the device. Use the Excel-based early
power estimator (EPE) to get the supply current estimates for your design because
these currents vary largely with the resources used. Table 1–4 lists I/O pin leakage
current for Cyclone III devices.
f For more information about power estimation tools, refer to the PowerPlay Early Power
Estimator User Guide and the PowerPlay Power Analysis chapter in the Quartus II
Handbook.
Bus Hold
Bus hold retains the last valid logic state after the source driving it either enters the
high impedance state or is removed. Each I/O pin has an option to enable bus hold in
user mode. Bus hold is always disabled in configuration mode.
Table 1–5 lists bus hold specifications for Cyclone III devices.
Table 1–4. Cyclone III Devices I/O Pin Leakage Current (1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
II
Input pin leakage current
VI = 0 V to VCCIOMAX
–10
—
10
A
IOZ
Tristated I/O pin leakage
current
VO = 0 V to VCCIOMAX
–10
—
10
A
Notes to Table 1–4:
(1) This value is specified for normal device operation. The value varies during device power-up. This applies for all
VCCIO settings (3.3, 3.0, 2.5, 1.8, 1.5, and 1.2 V).
(2) 10
A I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be the
observed when the diode is on.
Table 1–5. Cyclone III Devices Bus Hold Parameter
(Part 1 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus-hold
low,
sustaining
current
VIN > VIL
(maximum)
8
—
12
—
30—50—70
—
70
—
A
Bus-hold
high,
sustaining
current
VIN < VIL
(minimum)
–8
—
–12
—
–30
—
–50
—
–70
—
–70
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com