Electronic Components Datasheet Search
  English  ▼

X  

3.3-VLVCMOS Datasheet(PDF) 10 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 10 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 6Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 7Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 8Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 9Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 10Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 11Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 12Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 13Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1–10
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
Schmitt Trigger Input
Cyclone III devices support Schmitt trigger input on TDI, TMS, TCK, nSTATUS, nCONFIG,
nCE
, CONF_DONE, and DCLK pins. A Schmitt trigger feature introduces hysteresis to the
input signal for improved noise immunity, especially for signal with slow edge rate.
Table 1–12 lists the hysteresis specifications across supported VCCIO range for Schmitt
trigger inputs in Cyclone III devices.
I/O Standard Specifications
The following tables list input voltage sensitivities (VIH and VIL), output voltage (VOH
and VOL), and current drive characteristics (IOH and IOL) for various I/O standards
supported by Cyclone III devices. Table 1–13 through Table 1–18 provide the I/O
standard specifications for Cyclone III devices.
Table 1–12. Hysteresis Specifications for Schmitt Trigger Input in Cyclone III Devices
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VSCHMITT
Hysteresis for Schmitt trigger
input
VCCIO = 3.3 V
200
—
—
mV
VCCIO = 2.5 V
200
—
—
mV
VCCIO = 1.8 V
140
—
—
mV
VCCIO = 1.5 V
110
—
—
mV
Table 1–13. Cyclone III Devices Single-Ended I/O Standard Specifications (1), (2)
I/O Standard
VCCIO (V)
VIL (V)
VIH (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3-V LVTTL (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.45
2.4
4
–4
3.3-V LVCMOS (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.2
VCCIO – 0.2
2
–2
3.0-V LVTTL (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.45
2.4
4
–4
3.0-V LVCMOS (3)
2.85
3.0
3.15
–0.3
0.8
1.7
VCCIO + 0.3
0.2
VCCIO – 0.2
0.1
–0.1
2.5-V LVTTL and
LVCMOS (3)
2.375
2.5
2.625
–0.3
0.7
1.7
3.6
0.4
2.0
1
–1
1.8-V LVTTL and
LVCMOS
1.71
1.8
1.89
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
2.25
0.45
VCCIO –
0.45
2–2
1.5-V LVCMOS
1.425
1.5
1.575
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
VCCIO + 0.3
0.25 *
VCCIO
0.75 *
VCCIO
2–2
1.2-V LVCMOS
1.14
1.2
1.26
–0.3
0.35 *
VCCIO
0.65 *
VCCIO
VCCIO + 0.3
0.25 *
VCCIO
0.75 *
VCCIO
2–2
3.0-V PCI
2.85
3.0
3.15
—
0.3 *
VCCIO
0.5 *
VCCIO
VCCIO + 0.3 0.1 * VCCIO
0.9 * VCCIO
1.5
–0.5
3.0-V PCI-X
2.85
3.0
3.15
—
0.35*
VCCIO
0.5 *
VCCIO
VCCIO + 0.3 0.1 * VCCIO
0.9 * VCCIO
1.5
–0.5
Notes to Table 1–13:
(1) For voltage referenced receiver input waveform and explanation of terms used in Table 1–13, refer to “Single-ended Voltage referenced I/O Standard”
in “Glossary” on page 1–27.
(2) AC load CL = 10 pF.
(3) For more detail about interfacing Cyclone III devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O standards, refer to AN 447: Interfacing Cyclone III
Devices with 3.3/3.0/2.5-V LVTTL and LVCMOS I/O Systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com