Electronic Components Datasheet Search
  English  ▼

X  

IR2117 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2117
Description  Gate drive supply range from 10 to 20V
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 3 Page - International Rectifier

  IR2117 Datasheet HTML 1Page - International Rectifier IR2117 Datasheet HTML 2Page - International Rectifier IR2117 Datasheet HTML 3Page - International Rectifier IR2117 Datasheet HTML 4Page - International Rectifier IR2117 Datasheet HTML 5Page - International Rectifier IR2117 Datasheet HTML 6Page - International Rectifier IR2117 Datasheet HTML 7Page - International Rectifier IR2117 Datasheet HTML 8Page - International Rectifier IR2117 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
—
125
200
VS = 0V
toff
Turn-off propagation delay
—
105
180
VS = 600V
tr
Turn-on rise time
—
80
130
tf
Turn-off fall time
—
40
65
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
ns
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
input voltage - logic “1” (IR2117) logic “0” (IR2118)
9.5
—
—
VIL
Input voltage - logic “0” (IR2117) logic “1” (IR2118)
—
—
6.0
VOH
High level output voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low level output voltage, VO
—
—
100
IO = 0A
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
50
240
VIN = 0V or VCC
IQCC
Quiescent VCC Supply Current
—
70
340
VIN = 0V or VCC
IIN+
Logic “1” input bias current
(IR2117)
VIN = VCC
(IR2118)
VIN = 0V
IIN-
Logic “0” input bias current
(IR2117)
VIN = 0V
(IR2118)
VIN = VCC
VBSUV+
VBS supply undervoltage positive going threshold
7.6
8.6
9.6
VBSUV-
VBS supply undervoltage negative going threshold
7.2
8.2
9.2
VCCUV+
VCC supply undervoltage positive going threshold
7.6
8.6
9.6
VCCUV-
VCC supply undervoltage negative going threshold
7.2
8.2
9.2
IO+
Output high short circuit pulsed current
200
250
—
VO = 0V
VIN = Logic “1”
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
420
500
—
VO = 15V
VIN = Logic “0”
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
mA
V
V
mV
—
20
40
µA
—
—
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com