Electronic Components Datasheet Search
  English  ▼

X  

IR2117 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2117
Description  Gate drive supply range from 10 to 20V
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 1 Page - International Rectifier

  IR2117 Datasheet HTML 1Page - International Rectifier IR2117 Datasheet HTML 2Page - International Rectifier IR2117 Datasheet HTML 3Page - International Rectifier IR2117 Datasheet HTML 4Page - International Rectifier IR2117 Datasheet HTML 5Page - International Rectifier IR2117 Datasheet HTML 6Page - International Rectifier IR2117 Datasheet HTML 7Page - International Rectifier IR2117 Datasheet HTML 8Page - International Rectifier IR2117 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• CMOS Schmitt-triggered inputs with pull-down
• Output in phase with input (IR2117) or out of
phase with input (IR2118)
• Also available LEAD-FREE
Data Sheet No. PD60146
Rev O
SINGLE CHANNEL DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
125 & 105 ns
Packages
Typical Connection
8-Lead PDIP
IR2117/IR2118
8-Lead SOIC
IR2117S/IR2118S
IR2117
IR2118
V
CC
V
B
V
S
HO
IN
COM
up to 600V
V
CC
IN
TO
LOAD
V
CC
V
B
V
S
HO
IN
COM
up to 600V
V
CC
IN
TO
LOAD
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration).
This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for
proper circuit board layout.
Description
The IR2117/IR2118(S) is a high voltage, high speed
power MOSFET and IGBT driver. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. The logic input is compatible
with standard CMOS outputs. The output driver fea-
tures a high pulse current buffer stage designed for
minimum cross-conduction. The floating channel can
be used to drive an N-channel power MOSFET or IGBT
in the high or low side configuration which operates up
to 600 volts.


Similar Part No. - IR2117

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117 IRF-IR2117 Datasheet
266Kb / 7P
SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
267Kb / 18P
SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2117PBF IRF-IR2117PBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
More results

Similar Description - IR2117

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
Gate drive supply range from 10 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
Gate drive supply range from 10 to 20V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com