Electronic Components Datasheet Search
  English  ▼

X  

IR2117 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2117
Description  Gate drive supply range from 10 to 20V
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 5 Page - International Rectifier

  IR2117 Datasheet HTML 1Page - International Rectifier IR2117 Datasheet HTML 2Page - International Rectifier IR2117 Datasheet HTML 3Page - International Rectifier IR2117 Datasheet HTML 4Page - International Rectifier IR2117 Datasheet HTML 5Page - International Rectifier IR2117 Datasheet HTML 6Page - International Rectifier IR2117 Datasheet HTML 7Page - International Rectifier IR2117 Datasheet HTML 8Page - International Rectifier IR2117 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
5
Lead Definitions
Symbol
Description
VCC
Logic and gate drive supply
IN
Logic input for gate driver output (HO), in phase with HO (IR2117)
IN
Logic input for gate driver output (HO), out of phase with HO (IR2118)
COM
Logic ground
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
Lead Assignments
8 Lead PDIP
8 Lead SOIC
IR2118
IR2118S
1
2
3
4
8
7
6
5
VCC
IN
COM
VB
HO
VS
1
2
3
4
8
7
6
5
VCC
IN
COM
VB
HO
VS
8 Lead PDIP
8 Lead SOIC
IR2117
IR2117S
1
2
3
4
8
7
6
5
VCC
IN
COM
VB
HO
VS
1
2
3
4
8
7
6
5
VCC
IN
COM
VB
HO
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com