Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP1C3
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 2 Page - Altera Corporation

  EP1C3 Datasheet HTML 1Page - Altera Corporation EP1C3 Datasheet HTML 2Page - Altera Corporation EP1C3 Datasheet HTML 3Page - Altera Corporation EP1C3 Datasheet HTML 4Page - Altera Corporation EP1C3 Datasheet HTML 5Page - Altera Corporation EP1C3 Datasheet HTML 6Page - Altera Corporation EP1C3 Datasheet HTML 7Page - Altera Corporation EP1C3 Datasheet HTML 8Page - Altera Corporation EP1C3 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Page 2
Functional Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
■
Pin selectable 2-ms or 100-ms power-on reset (POR) time
■
Configuration clock supports programmable input source and frequency synthesis
■
Multiple configuration clock sources supported (internal oscillator and
external clock input pin)
■
External clock source with frequencies up to 100 MHz
■
Internal oscillator defaults to 10 MHz and you can program the internal
oscillator for higher frequencies of 33, 50, and 66 MHz
■
Clock synthesis supported using user programmable divide counter
■
Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin Ultra
FineLine BGA (UFBGA) packages
■
Vertical migration between all devices supported in the 100-pin PQFP package
■
Supply voltage of 3.3 V (core and I/O)
■
Hardware compliant with IEEE Std. 1532 in-system programmability (ISP)
specification
■
Supports ISP using Jam Standard Test and Programming Language (STAPL)
■
Supports JTAG boundary scan
■
The nINIT_CONF pin allows private JTAG instruction to start FPGA configuration
■
Internal pull-up resistor on the nINIT_CONF pin always enabled
■
User programmable weak internal pull-up resistors on nCS and OE pins
■
Internal weak pull-up resistors on external flash interface address and control
lines, bus hold on data lines
■
Standby mode with reduced power consumption
f For more information about FPGA configuration schemes and advanced features,
refer to the configuration chapter in the appropriate device handbook.
Functional Description
The Altera EPC device is a single device with high speed and advanced configuration
solution for high-density FPGAs. The core of an EPC device is divided into two major
blocks—a configuration controller and a flash memory. The flash memory is used to
store configuration data for systems made up of one or more than one Altera FPGAs.
Unused portions of the flash memory can be used to store processor code or data that
can be accessed using the external flash interface after the FPGA configuration is
complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com