Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 28 Page - Altera Corporation

Part # EP1C3
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EP1C3 Datasheet HTML 24Page - Altera Corporation EP1C3 Datasheet HTML 25Page - Altera Corporation EP1C3 Datasheet HTML 26Page - Altera Corporation EP1C3 Datasheet HTML 27Page - Altera Corporation EP1C3 Datasheet HTML 28Page - Altera Corporation EP1C3 Datasheet HTML 29Page - Altera Corporation EP1C3 Datasheet HTML 30Page - Altera Corporation EP1C3 Datasheet HTML 31Page - Altera Corporation EP1C3 Datasheet HTML 32Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Page 28
IEEE Std. 1149.1 (JTAG) Boundary-Scan
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
You can also program the EPC devices using the Quartus II software, the Altera
Programming Unit (APU), and the appropriate configuration device programming
adapter. Table 12 lists which programming adapter to use with each EPC device.
IEEE Std. 1149.1 (JTAG) Boundary-Scan
The EPC device provides JTAG BST circuitry that complies with the IEEE Std.
1149.1-1990 specification. JTAG BST can be performed before or after configuration,
but not during configuration.
Figure 6 shows the timing requirements for the JTAG signals.
Table 13 lists the timing parameters and values for the EPC device.
Table 12. Programming Adapters
Device
Package
Adapter
EPC16
88-pin UFBGA
PLMUEPC-88
100-pin PQFP
PLMQEPC-100
EPC8
100-pin PQFP
PLMQEPC-100
EPC4
100-pin PQFP
PLMQEPC-100
Figure 6. JTAG Timing Waveforms
TDO
TCK
tJPZX
tJPCO
tJPH
tJPXZ
tJCP
tJPSU
tJCL
tJCH
TDI
TMS
Signal
to be
Captured
Signal
to be
Driven
tJSZX
tJSSU
tJSH
tJSCO
tJSXZ
Table 13. JTAG Timing Parameters and Values (Part 1 of 2)
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
—
ns
tJCH
TCK
clock high time
50
—
ns
tJCL
TCK
clock low time
50
—
ns
tJPSU
JTAG port setup time
20
—
ns
tJPH
JTAG port hold time
45
—
ns
tJPCO
JTAG port clock output
—
25
ns
tJPZX
JTAG port high impedance to valid output
—
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com