Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1C3
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3 Datasheet(HTML) 4 Page - Altera Corporation

  EP1C3 Datasheet HTML 1Page - Altera Corporation EP1C3 Datasheet HTML 2Page - Altera Corporation EP1C3 Datasheet HTML 3Page - Altera Corporation EP1C3 Datasheet HTML 4Page - Altera Corporation EP1C3 Datasheet HTML 5Page - Altera Corporation EP1C3 Datasheet HTML 6Page - Altera Corporation EP1C3 Datasheet HTML 7Page - Altera Corporation EP1C3 Datasheet HTML 8Page - Altera Corporation EP1C3 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Page 4
Functional Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Cyclone
EP1C3
627,376
1
1
1
EP1C4
924,512
1
1
1
EP1C6
1,167,216
1
1
1
EP1C12
2,326,528
1
1
1
EP1C20
3,559,608
1
1
1
Cyclone II
EP2C5
1,223,980
1
1
1
EP2C8
1,983,792
1
1
1
EP2C20
3,930,986
1
1
1
EP2C35
7,071,234
—
1
1
EP2C50
9,122,148
—
1
1
EP2C70
10,249,694
—
1
1
ACEX 1K
EP1K10
159,160
1
1
1
EP1K30
473,720
1
1
1
EP1K50
784,184
1
1
1
EP1K100
1,335,720
1
1
1
APEX 20K
EP20K100
993,360
1
1
1
EP20K200
1,950,800
1
1
1
EP20K400
3,880,720
1
1
1
APEX 20KC
EP20K200C
196,8016
1
1
1
EP20K400C
390,9776
1
1
1
EP20K600C
567,3936
1
1
1
EP20K1000C
8,960,016
—
1
1
APEX 20KE
EP20K30E
354,832
1
1
1
EP20K60E
648,016
1
1
1
EP20K100E
1,008,016
1
1
1
EP20K160E
1,524,016
1
1
1
EP20K200E
1,968,016
1
1
1
EP20K300E
2,741,616
1
1
1
EP20K400E
3,909,776
1
1
1
EP20K600E
5,673,936
1
1
1
EP20K1000E
8,960,016
—
1
1
EP20K1500E
12,042,256
—
1
1
APEX II
EP2A15
4,358,512
1
1
1
EP2A25
6,275,200
1
1
1
EP2A40
9,640,528
—
1
1
EP2A70
17,417,088
—
—
1
Table 2. Supported EPC Devices for Each Device Family (Part 2 of 3)
Device Family
Device
Data Size (Bits)
(1)
EPC Devices
EPC4 (2)
EPC8 (2)
EPC16 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com