Electronic Components Datasheet Search
  English  ▼

X  

PE42821 Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE42821
Description  UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42821 Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE42821 Datasheet HTML 4Page - Peregrine Semiconductor PE42821 Datasheet HTML 5Page - Peregrine Semiconductor PE42821 Datasheet HTML 6Page - Peregrine Semiconductor PE42821 Datasheet HTML 7Page - Peregrine Semiconductor PE42821 Datasheet HTML 8Page - Peregrine Semiconductor PE42821 Datasheet HTML 9Page - Peregrine Semiconductor PE42821 Datasheet HTML 10Page - Peregrine Semiconductor PE42821 Datasheet HTML 11Page - Peregrine Semiconductor PE42821 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product Specification
PE42821
Page 11 of 12
Document No. DOC-13714-3 │ www.psemi.com
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
A
0.10 C
(2X)
C
0.10 C
0.05 C
SEATING PLANE
B
0.10 C
(2X)
0.10
C A B
0.05
C
ALL FEATURES
Pin #1 Corner
5.00
5.00
3.30±0.05
3.30±0.05
3.50
3.50
0.50
0.24±0.05
(X32)
0.375±0.05
(X32)
0.203
Ref.
0.05
0.90 MAX
0.575
(x32)
0.290
(x32)
3.35
5.20
3.35
5.20
0.50
(X28)
DETAIL A
1
8
9
16
17
24
25
32
DOC-01872
Figure 16. Package Drawing
32-lead 5x5 mm QFN
Figure 17. Top Marking Specification
42821
YYWW
ZZZZZZ
17-0085
= Pin 1 indicator
YYWW = Date code, last two digits of the year and work week
ZZZZZZ = Six digits of the lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com