Electronic Components Datasheet Search
  English  ▼

X  

PE42821 Datasheet(PDF) 12 Page - Peregrine Semiconductor

Part # PE42821
Description  UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42821 Datasheet(HTML) 12 Page - Peregrine Semiconductor

Back Button PE42821 Datasheet HTML 4Page - Peregrine Semiconductor PE42821 Datasheet HTML 5Page - Peregrine Semiconductor PE42821 Datasheet HTML 6Page - Peregrine Semiconductor PE42821 Datasheet HTML 7Page - Peregrine Semiconductor PE42821 Datasheet HTML 8Page - Peregrine Semiconductor PE42821 Datasheet HTML 9Page - Peregrine Semiconductor PE42821 Datasheet HTML 10Page - Peregrine Semiconductor PE42821 Datasheet HTML 11Page - Peregrine Semiconductor PE42821 Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Product Specification
PE42821
Page 12 of 12
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-13714-3 │ UltraCMOS® RFIC Solutions
Figure 18. Tape and Reel Specs
Ao = 5.25 ± 0.1 mm
Bo = 5.25 ± 0.1 mm
Ko = 1.10 ± 0.1 mm
Notes: 1. 10 sprocket hole pitch cumulative tolerance ± 0.2
2. Camber in compliance with EIA 481
3. Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole
Device Orientation in Tape
Top of
Device
Pin 1
Table 7. Ordering Information
Order Code
Description
Package
Shipping Method
PE42821MLBA-Z
PE42821 SPDT RF switch
Green 32-lead 5x5 mm QFN
3000 units/T&R
EK42821-02
PE42821 Evaluation kit
Evaluation kit
1/Box
PE42821MLBA-X
PE42821 SPDT RF switch
Green 32-lead 5x5 mm QFN
500 units/T&R
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of
the following U.S. Patents: http://patents.psemi.com.
Sales Contact and Information
For sales and contact information please visit www.psemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com