Electronic Components Datasheet Search
  English  ▼

X  

DC51215 Datasheet(PDF) 22 Page - ITT Industries

Part # DC51215
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DC51215 Datasheet(HTML) 22 Page - ITT Industries

Back Button DC51215 Datasheet HTML 18Page - ITT Industries DC51215 Datasheet HTML 19Page - ITT Industries DC51215 Datasheet HTML 20Page - ITT Industries DC51215 Datasheet HTML 21Page - ITT Industries DC51215 Datasheet HTML 22Page - ITT Industries DC51215 Datasheet HTML 23Page - ITT Industries DC51215 Datasheet HTML 24Page - ITT Industries DC51215 Datasheet HTML 25Page - ITT Industries DC51215 Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
D Cannon D-Subminiature Accessories
20
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Connector Saver
5,97 ± 0,25
(.235 ± .010)
CONTACT
(PIN)
SHELL
PIN FRONT
SHELL
SOCKET FRONT
CONTACT
(SOCKET)
6,17 ± 0,25
(.243 ± .010)
21,95 ± 0,51
(.864 ± .020)
A
B
C
2X 11˚
9˚
SPACER
High Reliability Connector Saver
Specifications
Materials and Finishes
NOTE: Hardware removed for clarity.
Shell
Part
AB
C
Size
Layout
Number
± 0,40 (.015)
± 0,25 (.010)
± 0,25 (.010)
DE
9
DEBMAM9PS
30,81 (1.213)
24,99 (.984)
16,92 (.666)
DA
15
DABMAM15PS
39,14 (1.541)
33,32 (1.312)
25.25 (.994)
DB
50
DBBMAM25PS
53,04 (2.088)
47,04 (1.852)
38,96 (1.534)
DC
37
DCBMAM37PS
69,32 (2.729)
63,50 (2.500)
55,42 (2.182)
DD
50
DDBMAM50PS
66,93 (2.635)
61,11 (2.406)
52,81 (2.079)
Temperature: -55º C to 105º C
Current Rating: 7 A
Dielectric withstanding Voltage: 500 VAC at Sea Level
Description
Material
Finish
Shells
Steel
Yellow Chromate over Zinc
Insulator
White Thermoplastic, UL 94V-0
—
Contacts
Copper Alloy
Gold Over Copper
Locking Hardware
Stainless Steel
Passivated
Engaging Face, Pin Side
D sub:Layout 1
3/24/09
12:37 PM
Page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com