Electronic Components Datasheet Search
  English  ▼

X  

DC51215 Datasheet(PDF) 6 Page - ITT Industries

Part # DC51215
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DC51215 Datasheet(HTML) 6 Page - ITT Industries

Back Button DC51215 Datasheet HTML 2Page - ITT Industries DC51215 Datasheet HTML 3Page - ITT Industries DC51215 Datasheet HTML 4Page - ITT Industries DC51215 Datasheet HTML 5Page - ITT Industries DC51215 Datasheet HTML 6Page - ITT Industries DC51215 Datasheet HTML 7Page - ITT Industries DC51215 Datasheet HTML 8Page - ITT Industries DC51215 Datasheet HTML 9Page - ITT Industries DC51215 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell
B
9 and 15
Position
25
Position
37 and 50
Position
B
B
C
C
E Dia.
E Dia.
E Dia.
A
A
A
F
D
D
D
F
F
1
1
1
3
3
3
5
5
5
6
4
4
4
2
2
2
9 and 15 Position*
25 Position*
37 and 50 Position*
Die Cast Zinc Backshell, Straight Exit, EMI Shielded
Die cast metal backshells reduce EMI/RFI emis-
sions. Die cast metal backshells offer improved
shielding in a rugged package.
Compression inserts accommodate a wide variety
of cable sizes.
db
0
-10
-20
-30
-40
-50
-60
-70
100
1000
Mhz
Diecast Shell Shielding Performance
Product Features
• Improves conformance to FCC DOC
#20780 shielding requirements
• No crimp ferrule tooling needed
• Kit consists of 1 front shell, 1 rear shell,
2 screws, 2 hex nuts, 2 mounting screws,
2 end brackets, 1 set of compression
inserts
Attenuation
Compression inserts (included with die cast zinc metal backshell)
Specifications
Attenuation:
-50 dB @ 1000MHz
Temperature Range:
-20º C to 80º C
Position
Cable Diameter
9,15
4,83/8,89 (.190/.350)
25
4,83/11,68 (.190/.460)
37,50
7,62/17,27 (.300/.680)
Shell
Part
AB
C
D
øE
F
Size Layout
Number
±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005)
DE
9
980-2000-345 31,12 (1.225) 37,21 (1.465) 15,75 (.620) 15,75 (.620)
10,16 (.400) 24,99 (.984)
DA
15
980-2000-346 39,12 (1.540) 40,64 (1.600) 15,75 (.620) 15,75 (.620)
10,16 (.400) 33,32 (1.312)
DB
25
980-2000-347 53,09 (2.090) 39,37 (1.550)
17,53 (690)
15,75 (.620)
13,34 (.525) 47,17 (1.857)
DC
37
980-2000-348 69,34 (2.730) 45,72 (1.800) 21,95 (.864) 15,75 (.620)
18,44 (.726) 63,50 (2.500)
DD
50
980-2000-349 66,70 (2.626) 45,72 (1.800) 21,95 (.864) 18,54 (.730)
18,44 (.726) 61,11 (2.406)
#1
#2
#3
#4
#5
#6
Position
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
O.D.
I.D.
9,15
12,07 (.475)
8,13 (.320)
9,14 (.360)
8,00 (.315)
9,14 (.360)
6,48 (.255)
9,14 (.360)
7,24 (.285)
9,14 (.360) 5,33 (.210)
——
25
15,24 (.600)
11,43 (.450) 11,43 (.450)
10,41 (.410) 11.43 (.450)
9,40 (.370) 11.43 (.450)
7,62 (.300)
11.43 (.450) 5,84 (.230)
——
37.50
16,64 (.655)
14,48 (.570) 17,78 (.700)
15,75 (.620) 20,57 (.810) 16,51 (.650) 16,64 (.655) 12,70 (.500) 16,64 (.655) 10,80 (.425) 16,64 (.655) 8,89 (.350)
Materials and Finishes
Backshell Material:
Zinc
Backshell Finish:
Clear Zinc
Compression Inserts: PVC
Hardware Material:
Steel
Hardware Finish:
Clear Zinc
* Inserts may be supplied mirror image.
D Cannon D-Subminiature Accessories
D sub:Layout 1
3/24/09
12:37 PM
Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com