Electronic Components Datasheet Search
  English  ▼

X  

DC51215 Datasheet(PDF) 12 Page - ITT Industries

Part # DC51215
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DC51215 Datasheet(HTML) 12 Page - ITT Industries

Back Button DC51215 Datasheet HTML 8Page - ITT Industries DC51215 Datasheet HTML 9Page - ITT Industries DC51215 Datasheet HTML 10Page - ITT Industries DC51215 Datasheet HTML 11Page - ITT Industries DC51215 Datasheet HTML 12Page - ITT Industries DC51215 Datasheet HTML 13Page - ITT Industries DC51215 Datasheet HTML 14Page - ITT Industries DC51215 Datasheet HTML 15Page - ITT Industries DC51215 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
D Cannon D-Subminiature Accessories
10
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Plastic Backshell
13,50 (.531)
4,50
(.177)
DIA.
9,00
(.354)
#4-40
Threads
6,00
(.236)
MIN.
19,00 (.748)
4,30
(.169)
9,00
(.354)
4,10
(.161)
DIA.
#4-40
Threads
50,00 (1.969)
4,30 (.169)
9,00 (.354)
6,00 (.236)
#4-40
THREADS
6,00
(.236)
MIN.
Locking Hardware for Snap -Together Plastic Backshell
5,00
(.197)
5,00
(.197)
1,81
(.075)
6,00
(.236)
4,60
(.189)
#4-40 UNC-2B
11,00
(.433)
6,00
(.236)
4,90 (.193)
3,00 (.118)
MIN
#4-40 UNC-2A
#4-40 UNC-2B
5,00
(.197)
(ACROSS FLATS)
Jackpost for In-Line Connections
Recessed Jackscrew
Extended Jackscrew
Thumbscrew
Rectangular Nut
Jackpost
Jackpost Assembly
Part Number:
D121073-19
Material:
Brass
Finish:
Nickel
Quantity required
per connector:
2
Assembly consists of 1 rectangular nut,
1 jackpost, 1 # 4-40 lock washer.
Materials and Finishes
Part Number
Material
Finish
Quantity Required
per Connector
250-8501-004
Brass
Nickel
2
250-8501-009 (M3) ,250-8501-010 (#4-40)
Brass
Nickel
2
250-8501-013
Brass
Nickel
2
Straight Exit - Metalized Plastic Low Cost
Shell
Part
AB
C
D
ø E
F
Size Layout
Number
DE
9
980-2000-350 30,91 (1.217) 39,29 (1.547) 16,26 (.640) 16,26 (.640) 10,16 (.400) 24,99 (.984)
DA
15
980-2000-351 39,24 (1.545) 38,23 (1.505) 16,26 (.640) 16,26 (.640) 10,16 (.400) 33,32 (1.312)
DB
25
980-2000-352 53,09 (2.090) 42,04 (1.655) 18,03 (.710) 16,26 (.640) 13,26 (.522) 47,17 (1.857)
DC
37
980-2000-353 69,44 (2.734) 46,48 (1.830) 23,01 (.906) 16,26 (.640) 18,44 (.726) 63,50 (2.500)
DD
50
980-2000-354 67,18 (2.645) 47,12 (1.855) 23,88 (.940) 19,56 (.770) 18,44 (.726) 61,11 (2.406)
• Kit consists of 1 front shell, 1 rear shell,
1 cable clamp, 2 screws
50 POSITION IS MARKED
“CANNON” ONLY
B
A
ITT CANNON
C
D
ØE
F
MaterialsandFinishes:Thermoplastic,UL94V-0rated,Nickelplated
D sub:Layout 1
3/24/09
12:37 PM
Page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com