Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 20 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 20 Page - TDK Electronics

Back Button C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
(19/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
100pF
0603
0.30±0.03
±10%
C0603X7R1E101K(030BA)
±20%
C0603X7R1E101M(030BA)
150pF
0603
0.30±0.03
±10%
C0603X7R1E151K(030BA)
±20%
C0603X7R1E151M(030BA)
220pF
0603
0.30±0.03
±10%
C0603X7R1E221K(030BA)
±20%
C0603X7R1E221M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H221K(050BA)
±20%
C1005X7R1H221M(050BA)
330pF
0603
0.30±0.03
±10%
C0603X7R1E331K(030BA)
±20%
C0603X7R1E331M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H331K(050BA)
±20%
C1005X7R1H331M(050BA)
470pF
0603
0.30±0.03
±10%
C0603X7R1E471K(030BA)
±20%
C0603X7R1E471M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H471K(050BA)
±20%
C1005X7R1H471M(050BA)
680pF
0603
0.30±0.03
±10%
C0603X7R1E681K(030BA)
±20%
C0603X7R1E681M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H681K(050BA)
±20%
C1005X7R1H681M(050BA)
1nF
0603
0.30±0.03
±10%
C0603X7R1E102K(030BA)
±20%
C0603X7R1E102M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H102K(050BA)
±20%
C1005X7R1H102M(050BA)
1.5nF
0603
0.30±0.03
±10%
C0603X7R1E152K(030BA)
±20%
C0603X7R1E152M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H152K(050BA)
±20%
C1005X7R1H152M(050BA)
2.2nF
0603
0.30±0.03
±10%
C0603X7R1E222K(030BA)
±20%
C0603X7R1E222M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H222K(050BA)
±20%
C1005X7R1H222M(050BA)
3.3nF
0603
0.30±0.03
±10%
C0603X7R1E332K(030BA)
±20%
C0603X7R1E332M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H332K(050BA)
±20%
C1005X7R1H332M(050BA)
4.7nF
0603
0.30±0.03
±10%
C0603X7R1C472K(030BA)
±20%
C0603X7R1C472M(030BA)
1005
0.50±0.05
±10%
C1005X7R1H472K(050BA)
±20%
C1005X7R1H472M(050BA)
6.8nF
1005
0.50±0.05
±10%
C1005X7R1H682K(050BA)
±20%
C1005X7R1H682M(050BA)
10nF
1005
0.50±0.05
±10%
C1005X7R1H103K(050BB)
C1005X7R1V103K(050BB)
±20%
C1005X7R1H103M(050BB) C1005X7R1V103M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H103K(080AA)
±20%
C1608X7R1H103M(080AA)
15nF
1005
0.50±0.05
±10%
C1005X7R1H153K(050BB)
C1005X7R1V153K(050BB)
±20%
C1005X7R1H153M(050BB) C1005X7R1V153M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H153K(080AA)
±20%
C1608X7R1H153M(080AA)
22nF
1005
0.50±0.05
±10%
C1005X7R1H223K(050BB)
C1005X7R1V223K(050BB)
±20%
C1005X7R1H223M(050BB) C1005X7R1V223M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H223K(080AA)
±20%
C1608X7R1H223M(080AA)
33nF
1005
0.50±0.05
±10%
C1005X7R1H333K(050BB)
C1005X7R1V333K(050BB)
±20%
C1005X7R1H333M(050BB) C1005X7R1V333M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H333K(080AA)
±20%
C1608X7R1H333M(080AA)
47nF
1005
0.50±0.05
±10%
C1005X7R1H473K(050BB)
C1005X7R1V473K(050BB)
±20%
C1005X7R1H473M(050BB) C1005X7R1V473M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H473K(080AA)
±20%
C1608X7R1H473M(080AA)
68nF
1005
0.50±0.05
±10%
C1005X7R1H683K(050BB)
C1005X7R1V683K(050BB)
C1005X7R1E683K(050BB)
±20%
C1005X7R1H683M(050BB) C1005X7R1V683M(050BB) C1005X7R1E683M(050BB)
1608
0.80±0.10
±10%
C1608X7R1H683K(080AA)
±20%
C1608X7R1H683M(080AA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com