Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 27 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 27 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
(26/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: JB(±10%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
10µF
2012
0.85±0.10
±10%
C2012JB1C106K(085AC)
±20%
C2012JB1C106M(085AC)
1.25±0.10
±10%
C2012JB1E106K(125AC)
C2012JB1C106K(125AB)
±20%
C2012JB1E106M(125AC)
C2012JB1C106M(125AB)
3216
0.85±0.10
±10%
C3216JB1E106K(085AC)
C3216JB1C106K(085AB)
±20%
C3216JB1E106M(085AC)
C3216JB1C106M(085AB)
1.60±0.10
±10%
C3216JB1C106K(160AC)
±20%
C3216JB1C106M(160AA)
1.60±0.20
±10%
C3216JB1H106K(160AB)
C3216JB1V106K(160AB)
C3216JB1E106K(160AB)
±20%
C3216JB1H106M(160AB)
C3216JB1V106M(160AB)
C3216JB1E106M(160AB)
3225
2.50±0.20
±10%
C3225JB1E106K(250AA)
±20%
C3225JB1E106M(250AA)
4532
2.50±0.30
±10%
C4532JB1E106K(250KA)
±20%
C4532JB1E106M(250KA)
15µF
2012
1.25±0.10
±20%
C2012JB1C156M(125AC)
3216
1.60±0.20
±20%
C3216JB1E156M(160AC)
C3216JB1C156M(160AB)
3225
2.50±0.20
±20%
C3225JB1C156M(250AA)
4532
2.50±0.30
±20%
C4532JB1E156M(250KA)
22µF
2012
1.25±0.10
±20%
C2012JB1C226M(125AC)
3216
1.60±0.20
±20%
C3216JB1E226M(160AC)
C3216JB1C226M(160AB)
3225
2.50±0.30
±20%
C3225JB1C226M(250AA)
4532
2.00±0.20
±20%
C4532JB1C226M(200KA)
2.50±0.30
±20%
C4532JB1E226M(250KA)
5750
2.50±0.30
±20%
C5750JB1E226M(250KA)
33µF
3216
1.60±0.20
±20%
C3216JB1C336M(160AB)
4532
2.50±0.30
±20%
C4532JB1C336M(250KA)
47µF
3216
1.60±0.20
±20%
C3216JB1C476M(160AB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com