Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 15 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 15 Page - TDK Electronics

Back Button C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
(14/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X5R(±15%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
1nF
0402
0.20±0.02
±10%
C0402X5R1A102K(020BA)
±20%
C0402X5R1A102M(020BA)
1.5nF
0402
0.20±0.02
±10%
C0402X5R1A152K(020BA)
±20%
C0402X5R1A152M(020BA)
2.2nF
0402
0.20±0.02
±10%
C0402X5R1A222K(020BA)
±20%
C0402X5R1A222M(020BA)
3.3nF
0402
0.20±0.02
±10%
C0402X5R0J332K(020BA)
±20%
C0402X5R0J332M(020BA)
4.7nF
0402
0.20±0.02
±10%
C0402X5R0J472K(020BB)
±20%
C0402X5R0J472M(020BB)
6.8nF
0402
0.20±0.02
±10%
C0402X5R0J682K(020BB)
±20%
C0402X5R0J682M(020BB)
0603
0.30±0.03
±10%
C0603X5R1A682K(030BA)
±20%
C0603X5R1A682M(030BA)
10nF
0402
0.20±0.02
±10%
C0402X5R0J103K(020BB)
±20%
C0402X5R0J103M(020BB)
0603
0.30±0.03
±10%
C0603X5R1A103K(030BA)
±20%
C0603X5R1A103M(030BA)
15nF
0603
0.30±0.03
±10%
C0603X5R0J153K(030BA)
±20%
C0603X5R0J153M(030BA)
22nF
0603
0.30±0.03
±10%
C0603X5R0J223K(030BC)
±20%
C0603X5R0J223M(030BC)
33nF
0603
0.30±0.03
±10%
C0603X5R0J333K(030BC)
±20%
C0603X5R0J333M(030BC)
47nF
0603
0.30±0.03
±10%
C0603X5R0J473K(030BC)
±20%
C0603X5R0J473M(030BC)
68nF
0603
0.30±0.03
±10%
C0603X5R0J683K(030BC)
±20%
C0603X5R0J683M(030BC)
100nF
0603
0.30±0.03
±10%
C0603X5R0J104K(030BC)
±20%
C0603X5R0J104M(030BC)
150nF
0603
0.30±0.03
±10%
C0603X5R0J154K(030BA)
±20%
C0603X5R0J154M(030BA)
220nF
0603
0.30±0.03
±10%
C0603X5R0J224K(030BA)
±20%
C0603X5R0J224M(030BA)
330nF
1005
0.50±0.05
±10%
C1005X5R1A334K(050BC)
±20%
C1005X5R1A334M(050BC)
470nF
1005
0.50±0.05
±10%
C1005X5R1A474K(050BC)
±20%
C1005X5R1A474M(050BC)
680nF
1005
0.50±0.05
±10%
C1005X5R1A684K(050BB)
±20%
C1005X5R1A684M(050BB)
1µF
1005
0.50±0.05
±10%
C1005X5R1A105K(050BB)
C1005X5R0J105K(050BC)
±20%
C1005X5R1A105M(050BB) C1005X5R0J105M(050BC)
1.5µF
1005
0.50±0.05
±10%
C1005X5R1A155K(050BC)
C1005X5R0J155K(050BB)
±20%
C1005X5R1A155M(050BC) C1005X5R0J155M(050BB)
2.2µF
1005
0.50±0.05
±10%
C1005X5R1A225K(050BC)
C1005X5R0J225K(050BC)
C1005X5R0G225K(050BB)
±20%
C1005X5R1A225M(050BC) C1005X5R0J225M(050BB)
C1005X5R0G225M(050BB)
1608
0.80±0.10
±10%
C1608X5R1A225K(080AC)
C1608X5R0J225K(080AB)
±20%
C1608X5R1A225M(080AC) C1608X5R0J225M(080AB)
3.3µF
1005
0.50±0.10
±20%
C1005X5R0J335M(050BC)
C1005X5R0G335M(050BB)
1608
0.80+0.15/–0.10
±10%
C1608X5R0J335K(080AB)
±20%
C1608X5R0J335M(080AB)
0.80±0.10
±10%
C1608X5R1A335K(080AB)
±20%
C1608X5R1A335M(080AB)
4.7µF
1005
0.50+0.15/–0.10
±20%
C1005X5R0J475M(050BC)
C1005X5R0G475M(050BB)
1608
0.80±0.10
±10%
C1608X5R1A475K(080AB)
C1608X5R0J475K(080AB)
±20%
C1608X5R1A475M(080AB) C1608X5R0J475M(080AB)
2012
0.60±0.10
±10%
C2012X5R1A475K(060AB)
±20%
C2012X5R1A475M(060AB)
1.25±0.10
±10%
C2012X5R1A475K(125AA)
±20%
C2012X5R1A475M(125AA)
6.8µF
1608
0.80±0.10
±10%
C1608X5R1A685K(080AC)
C1608X5R0J685K(080AB)
±20%
C1608X5R1A685M(080AC) C1608X5R0J685M(080AB)
2012
0.60±0.10
±10%
C2012X5R1A685K(060AC)
±20%
C2012X5R1A685M(060AC)
1.25±0.10
±10%
C2012X5R1A685K(125AC)
±20%
C2012X5R1A685M(125AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com