Electronic Components Datasheet Search
  English  ▼

X  

EP3SL110 Datasheet(PDF) 92 Page - Altera Corporation

Part # EP3SL110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL110 Datasheet(HTML) 92 Page - Altera Corporation

Back Button EP3SL110 Datasheet HTML 88Page - Altera Corporation EP3SL110 Datasheet HTML 89Page - Altera Corporation EP3SL110 Datasheet HTML 90Page - Altera Corporation EP3SL110 Datasheet HTML 91Page - Altera Corporation EP3SL110 Datasheet HTML 92Page - Altera Corporation EP3SL110 Datasheet HTML 93Page - Altera Corporation EP3SL110 Datasheet HTML 94Page - Altera Corporation EP3SL110 Datasheet HTML 95Page - Altera Corporation EP3SL110 Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 341 page
background image
1–82
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–55 through Table 1–60 list the maximum I/O timing parameters for EP3SL70
devices for differential I/O standards.
Table 1–55 lists the EP3SL70 column pins input timing parameters for differential I/O
standards.
Table 1–55. EP3SL70 Column Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.697
-0.717
-1.072 -1.182 -1.294 -1.237 -1.524 -1.183 -1.296 -1.242 -1.562
ns
t
h
0.814
0.849
1.257
1.389
1.522
1.454
1.740
1.398
1.532
1.469
1.777
ns
GCLK
PLL
t
su
1.143
1.159
1.821
2.053
2.279
2.166
2.172
2.063
2.288
2.173
2.219
ns
t
h
-0.892
-0.893
-1.424 -1.606 -1.781 -1.696 -1.696 -1.608 -1.782 -1.694 -1.742
ns
MINI-LVDS
GCLK
t
su
-0.697
-0.717
-1.072 -1.182 -1.294 -1.237 -1.524 -1.183 -1.296 -1.242 -1.562
ns
t
h
0.814
0.849
1.257
1.389
1.522
1.454
1.740
1.398
1.532
1.469
1.777
ns
GCLK
PLL
t
su
1.143
1.159
1.821
2.053
2.279
2.166
2.172
2.063
2.288
2.173
2.219
ns
t
h
-0.892
-0.893
-1.424 -1.606 -1.781 -1.696 -1.696 -1.608 -1.782 -1.694 -1.742
ns
RSDS
GCLK
t
su
-0.705
-0.729
-1.082 -1.193 -1.310 -1.253 -1.540 -1.194 -1.311 -1.257 -1.577
ns
t
h
0.822
0.861
1.267
1.400
1.538
1.470
1.756
1.409
1.547
1.484
1.792
ns
GCLK
PLL
t
su
1.135
1.147
1.811
2.042
2.263
2.150
2.156
2.052
2.273
2.158
2.204
ns
t
h
-0.884
-0.881
-1.414 -1.595 -1.765 -1.680 -1.680 -1.597 -1.767 -1.679 -1.727
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-0.705
-0.729
-1.082 -1.193 -1.310 -1.253 -1.540 -1.194 -1.311 -1.257 -1.577
ns
t
h
0.822
0.861
1.267
1.400
1.538
1.470
1.756
1.409
1.547
1.484
1.792
ns
GCLK
PLL
t
su
1.135
1.147
1.811
2.042
2.263
2.150
2.156
2.052
2.273
2.158
2.204
ns
t
h
-0.884
-0.881
-1.414 -1.595 -1.765 -1.680 -1.680 -1.597 -1.767 -1.679 -1.727
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
t
su
-0.717
-0.740
-1.091 -1.204 -1.329 -1.272 -1.559 -1.205 -1.329 -1.275 -1.595
ns
t
h
0.834
0.872
1.277
1.411
1.557
1.489
1.775
1.420
1.565
1.502
1.810
ns
GCLK
PLL
t
su
1.123
1.136
1.802
2.031
2.244
2.131
2.137
2.041
2.255
2.140
2.186
ns
t
h
-0.872
-0.870
-1.404 -1.584 -1.746 -1.661 -1.661 -1.586 -1.749 -1.661 -1.709
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
t
su
-0.717
-0.740
-1.091 -1.204 -1.329 -1.272 -1.559 -1.205 -1.329 -1.275 -1.595
ns
t
h
0.834
0.872
1.277
1.411
1.557
1.489
1.775
1.420
1.565
1.502
1.810
ns
GCLK
PLL
t
su
1.123
1.136
1.802
2.031
2.244
2.131
2.137
2.041
2.255
2.140
2.186
ns
t
h
-0.872
-0.870
-1.404 -1.584 -1.746 -1.661 -1.661 -1.586 -1.749 -1.661 -1.709
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.705
-0.729
-1.082 -1.193 -1.310 -1.253 -1.540 -1.194 -1.311 -1.257 -1.577
ns
t
h
0.822
0.861
1.267
1.400
1.538
1.470
1.756
1.409
1.547
1.484
1.792
ns
GCLK
PLL
t
su
1.135
1.147
1.811
2.042
2.263
2.150
2.156
2.052
2.273
2.158
2.204
ns
t
h
-0.884
-0.881
-1.414 -1.595 -1.765 -1.680 -1.680 -1.597 -1.767 -1.679 -1.727
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
t
su
-0.705
-0.729
-1.082 -1.193 -1.310 -1.253 -1.540 -1.194 -1.311 -1.257 -1.577
ns
t
h
0.822
0.861
1.267
1.400
1.538
1.470
1.756
1.409
1.547
1.484
1.792
ns
GCLK
PLL
t
su
1.135
1.147
1.811
2.042
2.263
2.150
2.156
2.052
2.273
2.158
2.204
ns
t
h
-0.884
-0.881
-1.414 -1.595 -1.765 -1.680 -1.680 -1.597 -1.767 -1.679 -1.727
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com