Electronic Components Datasheet Search
  English  ▼

X  

EP3SL110 Datasheet(PDF) 98 Page - Altera Corporation

Part # EP3SL110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL110 Datasheet(HTML) 98 Page - Altera Corporation

Back Button EP3SL110 Datasheet HTML 94Page - Altera Corporation EP3SL110 Datasheet HTML 95Page - Altera Corporation EP3SL110 Datasheet HTML 96Page - Altera Corporation EP3SL110 Datasheet HTML 97Page - Altera Corporation EP3SL110 Datasheet HTML 98Page - Altera Corporation EP3SL110 Datasheet HTML 99Page - Altera Corporation EP3SL110 Datasheet HTML 100Page - Altera Corporation EP3SL110 Datasheet HTML 101Page - Altera Corporation EP3SL110 Datasheet HTML 102Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 341 page
background image
1–88
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V SSTL
CLASS I
4mA
GCLK
tco
3.056
3.279
4.646 5.054 5.571 5.431 5.649 5.181 5.698
5.560 5.717
ns
GCLK
PLL
t
co
3.046
3.269
4.636 5.043 5.561 5.421 5.639 5.170 5.688
5.550 5.707
ns
6mA
GCLK
t
co
3.046
3.269
4.639 5.047 5.565 5.425 5.643 5.175 5.693
5.555 5.712
ns
GCLK
PLL
tco
3.039
3.263
4.632 5.041 5.559 5.419 5.637 5.168 5.687
5.549 5.706
ns
8mA
GCLK
t
co
3.038
3.261
4.629 5.038 5.556 5.416 5.634 5.165 5.683
5.545 5.702
ns
GCLK
PLL
t
co
3.060
3.283
4.650 5.058 5.575 5.435 5.653 5.185 5.703
5.565 5.722
ns
10mA
GCLK
t
co
3.050
3.272
4.629 5.035 5.550 5.410 5.628 5.161 5.676
5.538 5.695
ns
GCLK
PLL
t
co
3.045
3.268
4.629 5.035 5.551 5.411 5.629 5.162 5.678
5.540 5.697
ns
12mA
GCLK
tco
3.043
3.266
4.628 5.034 5.549 5.409 5.627 5.161 5.677
5.539 5.696
ns
GCLK
PLL
t
co
3.035
3.257
4.618 5.024 5.540 5.400 5.618 5.151 5.667
5.529 5.686
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
8mA
GCLK
t
co
3.036
3.259
4.624 5.031 5.548 5.408 5.626 5.159 5.676
5.538 5.695
ns
GCLK
PLL
t
co
3.035
3.256
4.607 5.012 5.526 5.386 5.604 5.138 5.652
5.514 5.671
ns
16mA
GCLK
t
co
3.047
3.269
4.625 5.030 5.544 5.404 5.622 5.157 5.671
5.533 5.690
ns
GCLK
PLL
t
co
3.043
3.266
4.626 5.032 5.548 5.408 5.626 5.159 5.675
5.537 5.694
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
4mA
GCLK
t
co
3.033
3.255
4.615 5.021 5.536 5.396 5.614 5.148 5.663
5.525 5.682
ns
GCLK
PLL
t
co
3.031
3.253
4.613 5.018 5.534 5.394 5.612 5.146 5.661
5.523 5.680
ns
6mA
GCLK
tco
3.031
3.254
4.616 5.023 5.539 5.399 5.617 5.150 5.667
5.529 5.686
ns
GCLK
PLL
t
co
3.035
3.257
4.613 5.018 5.533 5.393 5.611 5.145 5.660
5.522 5.679
ns
8mA
GCLK
t
co
3.061
3.286
4.658 5.066 5.583 5.443 5.661 5.193 5.710
5.572 5.729
ns
GCLK
PLL
t
co
3.047
3.272
4.646 5.055 5.573 5.433 5.651 5.183 5.701
5.563 5.720
ns
10mA
GCLK
t
co
3.035
3.259
4.629 5.037 5.555 5.415 5.633 5.165 5.683
5.545 5.702
ns
GCLK
PLL
t
co
3.035
3.259
4.632 5.041 5.559 5.419 5.637 5.169 5.688
5.550 5.707
ns
12mA
GCLK
t
co
3.031
3.255
4.625 5.033 5.552 5.412 5.630 5.162 5.680
5.542 5.699
ns
GCLK
PLL
t
co
3.035
3.257
4.618 5.024 5.540 5.400 5.618 5.151 5.667
5.529 5.686
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
8mA
GCLK
tco
3.036
3.259
4.626 5.034 5.551 5.411 5.629 5.161 5.679
5.541 5.698
ns
GCLK
PLL
t
co
3.064
3.289
4.657 5.064 5.581 5.441 5.659 5.192 5.708
5.570 5.727
ns
16mA
GCLK
t
co
3.053
3.277
4.645 5.052 5.569 5.429 5.647 5.180 5.696
5.558 5.715
ns
GCLK
PLL
t
co
3.048
3.273
4.645 5.053 5.570 5.430 5.648 5.181 5.698
5.560 5.717
ns
Table 1–57. EP3SL70 Column Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com