Electronic Components Datasheet Search
  English  ▼

X  

EP3SL110 Datasheet(PDF) 14 Page - Altera Corporation

Part # EP3SL110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL110 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EP3SL110 Datasheet HTML 10Page - Altera Corporation EP3SL110 Datasheet HTML 11Page - Altera Corporation EP3SL110 Datasheet HTML 12Page - Altera Corporation EP3SL110 Datasheet HTML 13Page - Altera Corporation EP3SL110 Datasheet HTML 14Page - Altera Corporation EP3SL110 Datasheet HTML 15Page - Altera Corporation EP3SL110 Datasheet HTML 16Page - Altera Corporation EP3SL110 Datasheet HTML 17Page - Altera Corporation EP3SL110 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 341 page
background image
1–4
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
V
CCPGM
Configuration pins power supply, 3.3 V
—
3.135
3.3
3.465
V
Configuration pins power supply, 3.0 V
—
2.85
3
3.15
V
Configuration pins power supply, 2.5 V
—
2.375
2.5
2.625
V
Configuration pins power supply, 1.8 V
—
1.71
1.8
1.89
V
V
CCPD (1)
I/O pre-driver power supply, 3.3 V
—
3.135
3.3
3.465
V
I/O pre-driver power supply, 3.0 V
—
2.85
3
3.15
V
I/O pre-driver power supply, 2.5 V
—
2.375
2.5
2.625
V
V
CCIO
I/O power supply, 3.3 V
—
3.135
3.3
3.465
V
I/O power supply, 3.0 V
—
2.85
3
3.15
V
I/O power supply, 2.5 V
—
2.375
2.5
2.625
V
I/O power supply, 1.8 V
—
1.71
1.8
1.89
V
I/O power supply, 1.5 V
—
1.425
1.5
1.575
V
I/O power supply, 1.2 V
—
1.14
1.2
1.26
V
V
CC_CLKIN
Differential clock input power supply (top and
bottom I/O banks only)
—
2.375
2.5
2.625
V
V
CCBAT (3)
Battery back-up power supply for design
security volatile key register
—
1.0
—
3.3
V
V
I
DC Input voltage
—
-0.3
—
3.6
V
V
O
Output voltage
—
0
—
V
CCIO
V
T
J
Operating junction temperature
For commercial
use
0—
85
°C
For industrial
use (2)
-40
—
100
°C
t
RAMP
Power Supply Ramptime (For V
CCPT)
Normal POR
(PORSEL=0)
50 µs
—
5 ms
—
Fast POR
(PORSEL=1)
50 µs
—
5 ms
—
Power Supply Ramptime (For all power
supplies except V
CCPT)
Normal POR
(PORSEL=0)
50 µs
—
100 ms
—
Fast POR
(PORSEL=1)
50 µs
—
12 ms
—
Notes to Table 1–3:
(1) V
CCPD is 2.5, 3.0, or 3.3 V. For a 3.3-V I/O standard, VCCPD = 3.3 V. For a 3.0-V I/O standard, VCCPD = 3.0 V. For a 2.5-V or lower I/O standard,
V
CCPD =2.5 V.
(2) For the EP3SL340, EP3SE260, and EP3SL200 devices in the I4L ordering code, the industrial junction temperature range is from 0° C to
100° C, regardless of supply voltage.
(3) Altera recommends a 3.0-V nominal battery voltage when connecting VCCBAT to a battery for volatile key backup. If you do not use the volatile
security key, you may connect the VCCBAT to either GND or a 3.0-V power supply.
Table 1–3. Recommended Operating Conditions for Stratix III Devices (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com